Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB137ACV Datasheet(PDF) 10 Page - STMicroelectronics

Part # PB137ACV
Description  Positive voltage regulator for battery charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137ACV Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PB137ACV Datasheet HTML 6Page - STMicroelectronics PB137ACV Datasheet HTML 7Page - STMicroelectronics PB137ACV Datasheet HTML 8Page - STMicroelectronics PB137ACV Datasheet HTML 9Page - STMicroelectronics PB137ACV Datasheet HTML 10Page - STMicroelectronics PB137ACV Datasheet HTML 11Page - STMicroelectronics PB137ACV Datasheet HTML 12Page - STMicroelectronics PB137ACV Datasheet HTML 13Page - STMicroelectronics PB137ACV Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical characteristics
PB137
10/14
Doc ID 6278 Rev 5
Figure 16.
Quiescent current vs. input voltage Figure 17.
Thermal protection
Figure 18.
Supply voltage rejection vs. output
current
Figure 19.
Supply voltage rejection vs.
temperature
Figure 20.
Line transient response
Figure 21.
Load transient response
VI = 17 to 28.4 V, IO = 0.5 A, CO = 10 µF
VI = 18 V, IO = 5 to 1.5 A, CI = 1 µF, CO = 10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com