Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93R1A-R22-A12L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 93R1A-R22-A12L
Description  Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

93R1A-R22-A12L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  93R1A-R22-A12L Datasheet HTML 1Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 2Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 3Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 4Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model 91, 92, 93, 94 & 95 - 5/8 ” Square Single-Turn Panel Control
Features
■ Available in a variety of pin-out
configurations
■ Virtually infinite electrical circuit isolation
■ Metal or plastic shaft options
■ RoHS compliant*
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Initial Electrical Characteristics1
Conductive Plastic Element
Cermet Element
Standard Resistance Range
Linear Tapers (A, B, E, & H).........................(B & E) 1 K ohms to 1 megohm ......................... (A & H) 100 ohms to 1 megohm
Audio Tapers (C, D, F, G, S, & T) .................(D,G,S, & T) 1 K ohms to 1 megohm ................. (C & F) 1 K ohms to 1 megohm
Total Resistance Tolerance...............................10 % or 20 % .................................................... 5% or 10%
Independent Linearity.......................................±5 %.................................................................. ±5 %
Absolute Minimum Resistance.........................2 ohms maximum.............................................. 2 ohms maximum
Effective Electrical Angle ..................................(Linear tapers) 240 ° ± 5 °.................................. (Linear tapers) 240 ° ± 6 °
(Audio tapers) 225 ° ± 5 ° .................................. (Audio tapers) 225 ° ± 6 °
Contact Resistance Variation ...........................±1 %.................................................................. ±1 % or 3 ohms (whichever is greater)
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level ....................................................1,500 VAC minimum.......................................... 1,500 VAC minimum
70,000 Feet .................................................500 VAC minimum............................................. 500 VAC minimum
Insulation Resistance (500 VDC) ......................1,000 megohms minimum................................. 1,000 megohms minimum
Power Rating (Voltage Limited By Power Dissipation or 350 VAC, Whichever Is Less)
+70 °C Single Section Assembly ................(Linear tapers) 1 watt......................................... (Linear tapers) 2 watts
(Audio tapers) 0.5 watt ...................................... (Audio tapers) 1 watt
+70 °C Multiple Section Assembly .............(Linear tapers) 0.5 watt/section......................... (Linear tapers) 1 watt/section
(Audio tapers) 0.25 watt/section ....................... (Audio tapers) 0.5 watt/section
+125 °C.......................................................0 watt................................................................. 0 watt
Theoretical Resolution......................................Essentially infinite .............................................. Essentially infinite
Environmental Characteristics1
Operating Temperature Range .......................... -40 °C to +125 °C ................................................ -40 °C to +125 °C
Storage Temperature Range.............................. -55 °C to +125 °C ................................................ -55 °C to +125 °C
Temperature Coefficient Over Storage
Temperature Range.......................................... ±1,000 ppm/°C..................................................... ±150 ppm/°C
Vibration (Single Section)................................... 15 G...................................................................... 15 G
Total Resistance Shift................................... ±2 % maximum.................................................... ±2 % maximum
Voltage Ratio Shift........................................ ±5 % maximum.................................................... ±5 % maximum
Shock (Single Section)....................................... 30 G...................................................................... 30 G
Total Resistance Shift................................... ±2 % maximum.................................................... ±2 % maximum
Voltage Ratio Shift........................................ ±5 % maximum.................................................... ±5 % maximum
Load Life ............................................................ 1,000 hours .......................................................... 1,000 hours
Total Resistance Shift................................... ±10 % maximum.................................................. ±5 % maximum
Rotational Life (No Load) ................................... 100,000 cycles ..................................................... 100,000 cycles
Total Resistance Shift................................... (Linear tapers) 10 ohms or ±15 % TRS max. ...... (All tapers) ±5 % TRS max.
(whichever is greater)
(Audio tapers) ±20 % maximum
Contact Resistance Variation
@ 50,000 cycles ........................................... (Linear tapers) ±2 %............................................. ±2 %
(Audio tapers) ±3 % ............................................. ±3 %
Moisture Resistance (MIL-STD-202, Method 103, Condition B)
Total Resistance Shift................................... (Linear tapers) ±10 % TRS maximum ................. (All tapers) ±5 % TRS maximum
(Audio tapers) ±20 % TRS maximum
Insulation Resistance (500 VDC).................. 100 megohms minimum ...................................... 100 megohms minimum
IP Rating ............................................................ IP 40 ..................................................................... IP 40


Similar Part No. - 93R1A-R22-A12L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
93R1A-R22-A05L BOURNS-93R1A-R22-A05L Datasheet
315Kb / 5P
Virtually infi nite electrical circuit isolation
More results

Similar Description - 93R1A-R22-A12L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
PC - Slimline22 mm Square Single Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
Square Single-Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
PC - Slimline 22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com