Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93R1A-R22-A12L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 93R1A-R22-A12L
Description  Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

93R1A-R22-A12L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  93R1A-R22-A12L Datasheet HTML 1Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 2Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 3Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 4Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model 91, 92, 93, 94 & 95 - 5/8 ” Square Single-Turn Panel Control
Product Dimensions
Model 91 PC Pin Terminals, In-Line
Model 93 PC Pin Terminals, "L" Pattern
.41
(.016)
Model 95 Solder Lug Terminals, "Triangular" Pattern
10.16
(.40)
4.45 ± .38
(.175 ± .015)
5.59 ± .20
(.220 ± .008)
4.45 ± .38
(.175 ± .015)
2.54
(.100)
2.54
(.100)
5.08 ± 1.02
(.200 ± .040)
2.03
(.080)
3 PLCS.
(.040)
WIDE X
(.090)
LONG
3 PLCS.
1.02
2.29
5.08
(.20)
Model 92 J-Hooked
Terminals, In-Line
Model 94 J-Hooked
Terminals, "L" Pattern
1.52
(.06)
.254
(.010)
GAP
.79
(.031) 2 PLCS.
321
5.33 ± .76
(.21 ± .03)
1.52
(.06)
GAP
.81
(.032)
R. MAX.
3.81
(.150)
MAX. TYP.
321
120 ° ± 5 ° STD.
FLAT ORIENTATION
(SHAFT AT CCW END)
1
3
CCW
2
POTENTIOMETER
Shaft Flat Orientation
DIA.
13.72 ± 0.38
(.540 ± .015)
15.88
(.625)
22.86 ± 0.43
(.900 ± .017)
12.70 ± .229
(.500 ± .009)
MOUNTING
SURFACE
0.76 ± 0.05
(.030 ± .002)
TYP.
2.54
(.100)
2.54
(.100)
0.79 ± .025
(.031 ± .010)
1.19
(.047)
“A” STYLE
A.R. LUG
R
1.37 ± 0.08
(.054 ± .003)
2.36 ± 0.08
(.093 ± .003)
7.92
(.312)
9.53
(.375)
15.29 ± 0.56
(.602 ± .022)
SEE
HOW TO ORDER
CHART FOR
BUSHING OPTIONS.
SEE
NEXT PAGE
FOR SHAFT
OPTIONS.
10.16 ± 0.30
(.400 ± .012)
33
22
11
R2
R1
11.05 ± 0.20
(.435 ± .008)
DIA.
13.72 ± 0.38
(.540 ± .015)
15.88
(.625)
22.86 ± 0.43
(.900 ± .017)
12.70 ± .229
(.500 ± .009)
MOUNTING
SURFACE
0.76 ± 0.05
(.030 ± .002)
TYP.
2.54
(.100)
2.54
(.100)
0.79 ± .025
(.031 ± .010)
1.19
(.047)
“A” STYLE
A.R. LUG
R
1.37 ± 0.08
(.054 ± .003)
2.36 ± 0.08
(.093 ± .003)
7.92
(.312)
9.53
(.375)
12.7 ± 1.02
(.500 ± .040)
SEE
HOW TO ORDER
CHART FOR
BUSHING OPTIONS.
SEE
NEXT PAGE
FOR SHAFT
OPTIONS.
10.16 ± 0.30
(.400 ± .012)
33
22
11
R2
R1
11.05 ± 0.20
(.435 ± .008)
0.81
(.032)
DIA.
TYP.
5.08 ± 0.38
(.200 ± .015)
TOLERANCES EXCEPT AS SHOWN: DECIMAL .XXX ±
(.015 )
FRACTION ± 1/64
.XX ±
(.38)
ANGLE ±5 °
.381
9.65
L
L
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com