Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93R1A-R22-A12L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 93R1A-R22-A12L
Description  Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

93R1A-R22-A12L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  93R1A-R22-A12L Datasheet HTML 1Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 2Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 3Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 4Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Mechanical Characteristics1
Stop Strength (1/4 ” D shaft) .............................................................................................................................................45.19 N-cm (4 lb.-in.)
(1/8 ” D shaft) .............................................................................................................................................33.89 N-cm (3 lb.-in.)
Mechanical Angle.................................................................................................................................................................................300 ° ±5 °
Torque
Starting ........................................................................................................................................... 0.3 max. above average running torque
Running Torque
Single or Dual Section (A & R Bushings) ....................................................................................... 0.21 to 1.06 N-cm (0.3 to 1.5 oz.-in.)
Single or Dual Section (C & U Bushings) ....................................................................................... 0.14 to 1.06 N-cm (0.2 to 1.5 oz.-in.)
Mounting .............................................................................................................................................1.7-2.0 N-m (15-18 lb.-in.) maximum
Variation...................................................................................................................... 0.35 N-cm (0.5 oz.-in.) maximum in 45 ° shaft travel
Weight (Single Section, Metal Bushing)...............................................................................................................................12.7 grams nominal
(Each Additional Section) ....................................................................................................................................................4 grams nominal
Terminals .................................................................................................................................Printed circuit terminals, J-Hooks or solder lugs
Soldering Condition ...........................................Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter.
Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux.
Marking ..................................................................................Manufacturer’s trademark, date code, resistance, manufacturer’s part number
Ganging (Multiple Section Potentiometers).............................................................................................................................2 cups maximum
Hardware...................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
NOTE:
Performance specifications do not apply to units subjected to printed circuit board cleaning procedures.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
Model 91, 92, 93, 94 & 95 - 5/8 ” Square Single-Turn Panel Control



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com