Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC290PB Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # FSOC290PB
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC290PB Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC290PB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 22Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
EMI LEADED FILTERS
FEED-THRU CAPACITORS
SUBMINIATURE
DF220, DF221(H), DF430, TF240(H) & DF331(H) Series
264
CG01-I
Since the input and output terminals of these feed-thru
capacitors are isolated and the inductance on the grounded
side is very small, they can be used effectively to very high
frequencies.
These devices are suitable for suppression of radiation from
TV tuners, car radios, car stereos and transmission devices
and provide enhanced protection from external noise sources.
These subminiature feed-thrus, which may be incorporated in
2.54mm pitch connectors, are ideal for miniature electronic
equipment.
FEATURES
s The use of barrier layer capacitors has resulted in smaller
size and larger capacity than possible with conventional
capacitors.
s The nickel alloy electrode is resistant to soldering heat and
is free from migration in high humidity environments.
s Compact electronic devices can be achieved by
incorporating this capacitor with a 2.54mm pitch
packaging density – such as installation in connectors.
s Simple construction allows mass production assembly
techniques.
DIMENSIONS: mm
DF430
DF220-00
DF221(H)-
TF240(H)-
DF331(H)-
Part
Lead
Number
L1
L2
DF221(H)-601
10.0 ± 1.0
20.0 ± 1.0
DF221(H)-602
20.0 ± 1.0
20.0 ± 1.0
Part
Lead
Number
L1
L2
TF240(H)-601
10.0 ± 1.0
20.0 ± 2.0
TF240(H)-602
5.0 ± 1.0
12.0 ± 1.0
TF240(H)-603
5.0 ± 1.0
7.0 ± 1.0
Part
Lead
Solder for mounting
Number
L1
L2
on the chassis plate
DF331(H)-812
6.5 ± 1.0
9.5 ± 1.0
Provided
DF331(H)-895
6.5 ± 1.0
9.5 ± 1.0
None
DF331(H)-805
14.0 ± 1.0
20.0 ± 1.0
Provided
Note: Other lead wire lengths are available. Please contact your nearest
Sales Office for more detail.
1.6 ± 0.2 D.
2.7 ± 0.2 D.
4.3 ± 0.2 D.
2.5 ± 0.3
3.0 ± 0.2 D.
2.5 ± 0.2 D.
2.40 max.
0.7 ± 0.3
1.0 ± 0.1 D.
2.0 ± 0.1 D.
Mounting Hole
2.15 ± .04
2.5 ± 0.2 D.
2.4 max.
Mounting Hole
2.15 ± .04 D.
0.7 ± 0.3
0.6 D.
2.0 ± 0.1
L1
L2
3.5 ± 0.5
0.7 ± 0.3
0.6 D.
2.0 ± 0.15 D.
Mounting Hole
L1
L2
L1
L2
2.7 ± 0.2 D.
1.2 ± 0.3
3.0 ± 0.5
4.3 ± 0.3 D.
Solder for mounting on the chassis plate
Available with or without solder
Nickel alloy electrode
0.8 D.
Mounting hole
for the chassis
plate
Mounting Hole
3.2
+0.1
D.
–0
1.0
+0.2
D.
–0
2.5
+.03
D.
–0.2
2.2
+.080
D.
–.020
3.0 ± 0.1 D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com