Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC290PB Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # FSOC290PB
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC290PB Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC290PB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 22Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
EMI LEADED FILTERS
FERRITE PRODUCTS
EA10/EA20 Series
The EA10/EA20 series is an EMC absorber suitable for
filtering from 100MHz to 20GHz.
FEATURES
s Excellent elasticity and durability with silicon rubber
s Suitable for prevention of abnormal oscillation in high
frequency module, suppression of spurious spectra and
interference between circuits
EA1026
A
100
M
TYPE:
TYPE
THICKNESS
DIMENSION:
DIMENSION:
EMC Absorber
of Absorber
Width (Required)
Length (Required)
PART NUMBERING SYSTEM
CG01-I
267
Magnetic Permeability – Reluctance (Typ.)
16
12
8
4
0.1
Frequency (MHz)
0
1.0
10
20
EA20 SERIES
Reflection Loss (Typ.)
0
20
25
30
35
02
46
8
10
12
14
16
18
20
Frequency (MHz)
40
EA1075A270
EA1046A180
EA1026A180
EA1026A160
EA1026A100
5
15
10
EA10 SERIES
Part Number
Applicable Frequency
Thickness (mm)
(GHz)
EA1026A100
20.0
1.0
EA1026A160
11.5
1.6
EA1026A180
10.0
1.8
EA1046A180
5.8
1.8
EA1075A270
2.5
2.7
EA2070A020
0.2
EA2070A050
0.1 ~ 3.0
0.5
EA2070A100
1.0
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com