Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC290PB Datasheet(PDF) 20 Page - Murata Manufacturing Co., Ltd.

Part # FSOC290PB
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC290PB Datasheet(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC290PB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. FSOC290PB Datasheet HTML 22Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
TF318 450
E
102
GMV
50V
Type and Dimensions
Rated Voltage
Temperature Characteristic
Cap. Tolerance
TF318–50V–ONLY
TF418–300V–ONLY
Nominal Capacitance
Code
Max. Cap. Change
Temp. Range
B
±10%
–25°C to +85°C
E
%
–25°C to +85°C
Code
Temp. Coefficient
SL
+350 to –1000ppm/°C
YN
–500 to –5800ppm/°C
EMI LEADED FILTERS
FEED-THRU CAPACITORS
TF318(H) & TF418 Series
266
CG01-I
These feed-thru capacitors are designed for high frequency
requirements, by-pass applications in VHF and UHF
communications equipment and noise filters for car radios,
car stereos and two-way radios.
These devices feature simple construction, small size and
nickel plated electrodes.
They are migration free and have high thermal strength,
mechanical strength and resistance to soldering heat. Ease
of mounting makes them ideal for new and conventional
feed-thru applications.
Denotes configurations shown above.
Examples:
TF318-450B271M50
TF418-452E102GMV300
Operating temperature:
Std: –25°C to +85°C
H Series: –55°C to +125°C
DIMENSIONS: mm
SPECIFICATIONS
TF318(H)0
4.5 ± 0.3 D.
4.5 ± 0.3 D.
5.4 ± 0.2 D.
1.5 ± 0.5
1.5 ± 0.5
1.7 ± 0.5
3.0 ± 0.2 D.
3.0 ± 0.2 D.
4.0 ± 0.2 D.
L1
L2
L1
L2
1.7 ± 0.1 D.
Mounting Hole
Chassis
Mounting Hole
5.0
+0.5
–1.0
4.2
+0.1
–0
5.0
+0.5
–1.0
5.0
+0.5
–1.0
3.2
+0.1
D.
–0
TF318(H)
TF418 -
Type
Lead Dia.
L1
L2
TF318(H)-850
25.0 ± 2.0
30.0 ± 2.0
_______________
____________________________
TF318(H)-853
0.8
14.0 ± 1.0
15.0 ± 1.0
_______________
____________________________
TF318(H)-855
9.5 ± 0.5
11.0 ± 0.5
TF318(H)-053
1.0
11.0 ± 1.0
16.5 ± 1.0
_______________
____________________________
TF318(H)-055
7.0 ± 0.7
6.2 ± 0.7
TF318(H)-450
1.4
4.5
7.5 ± 1.0
_______________
____________________________
TF318(H)-452
7.0 ± 1.0
9.0 ± 1.0
Type
Lead Dia.
L1
L2
TF418-452
1.4
7.2 ± 1.0
8.8 ± 1.0
_______________
____________________________
TF418-454
10.2 ± 1.0
13.8 ± 1.0
Part Number
Cap.
Cap. Tol.
Temp.
Rated
Char.
Voltage
TF318-
SL100G50
10pF
±20%
SL
50VDC
TF318-
SL220M50
22pF
±20%
SL
50VDC
TF318-
SL330M50
33pF
±20%
SL
50VDC
TF318-
SL470M50
47pF
±20%
SL
50VDC
TF318-
YN101M50
100pF
±20%
YN
50VDC
TF318-
B271M50
270pF
±20%
B
50VDC
TF318(H)-
B(F)471M50
470pF
±20%
B
50VDC
TF318-
E102GMV50
1000pF
%
E
50VDC
TF318-
E152P50
1500pF
%
E
50VDC
+200
–0
+100
–0
+20
–55
PART NUMBERING SYSTEM
Part Number
Cap.
Cap. Tol.
Temp.
Rated
Char.
Voltage
TF418-
E102GMV300
1000pF
%
E
300VDC
TF418-
E152P300
1500pF
%
E
300VDC
+200
–0
+100
–0
+1.0
– 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com