Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R4R4 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E53-R4R4
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R4R4 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E53-R4R4 Datasheet HTML 1Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 2Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 3Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 4Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 5Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 6Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 7Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 8Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--180
Ramp/Soak Process Controller
E5CK--T
Advanced, 1/16-DIN Ramp/Soak
Process Controllers Ideal for
Worldwide Use
D
Offers one pattern of simple programming control, up to
four patterns with communications (16 steps per
pattern).
D
Water-resistant front face meets IP66/NEMA 4 (indoor
use).
D
Modular structure, one-stock type.
D
Heat/Cool control.
D
Serial communications (RS-232C and RS-485).
D
Temperature and analog inputs.
D
High-accuracy: 100 ms sampling (for analog input).
D
Conforms to international EMC and safety standards.
D
3-year warranty.
RC
Ordering Information
Order control output boards and option boards separately. A single output board and option board can be mounted to each base unit. For
example, for a relay control output, order the E53-R4R4 output board in addition to the E5CK-TAA1-500 Process Controller. Model with
-500 has a terminal cover for finger protection
J Process Controllers
Stock Note: Shaded models are normally stocked.
Description
DIN size
Supply voltage
Model
Base unit with terminal cover
1/16 DIN
(48
48
)
100-240 VAC
E5CK-TAA1-500 AC100-240
/
(48 x 48 mm)
E5CK-TAA1 AC100-240
Note: Part numbers ending in -500 available at Omron USA, non -500 numbers available in Omron Canada only. Model with -500 has a
terminal cover for finger protection.
J Optional Output Boards
Stock Note: Shaded models are normally stocked.
Description
Specifications
Max. quantity
Model
Relay/Relay
SPST/SPST, 5 A, 250 VAC
1
E53-R4R4
Relay/Pulse
SPST, 5 A/NPN, 24 VDC
1
E53-Q4R4
y/
SPST, 5 A/PNP, 24 VDC
1
E53-Q4HR4
Relay/Linear current
SPST, 5 A/4--20 mA
1
E53-C4R4
y/
SPST, 5 A/0-20 mA
1
E53-C4DR4
Relay/Linear voltage
SPST, 5 A/0-10 VDC
1
E53-V44R4
Pulse/Pulse
NPN/NPN, 24 VDC
1
E53-Q4Q4
/
PNP/PNP, 24 VDC
1
E53-Q4HQ4H
Computer communications
RS-232C
1
E53-CK01
p
RS-485
1
E53-CK03
Event input
For remote set point
1
E53-CKB
Transfer output
4to20mA
1
E53-CKF
Note: If the control period is less than 5 seconds, use an SSR (solid state relay) or pulse voltage output.


Similar Part No. - E53-R4R4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-R4R4 OMRON-E53-R4R4 Datasheet
273Kb / 22P
Advanced, Compact Digital Controllers
More results

Similar Description - E53-R4R4

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
1/16 DIN Process Controller
96VTR EXTECH-96VTR Datasheet
273Kb / 15P
1/4 DIN Process Controller
logo
Omron Electronics LLC
E5CSV OMRON-E5CSV Datasheet
580Kb / 20P
Simple to Set and Operate 1/16 DIN Size Controllers
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
Advanced Digital Controllers Ideal for Worldwide Use
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
Advanced Digital Controllers Ideal for Worldwide Use
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
logo
Red Lion Controls. Inc
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com