Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R4R4 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E53-R4R4
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R4R4 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E53-R4R4 Datasheet HTML 6Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 7Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 8Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 9Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 10Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 11Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 12Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 13Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--189
Terminal numbers 9 and 10 are for control output 2 (OUT2). The three output types and internal equalizing circuits are available according
to the output board.
10
9
10
9
L
10
9
L
+V
+
-
+
-
GND
E53-Q4Q4
E53-Q4HQ4H
NPN
PNP
E53-R4R4 /E53-V44R4
E53-Q4R4 /E53-C4R4
E53-Q4HR4/E53-C4DR4
Relay
+V
GND
Specifications for Each Type of Output
Output type
Specifications
Relay
Voltage (NPN)
Voltage (PNP)
3 A at 250 VAC
20 mA at 12 VDC (with short-circuit protection)
20 mA at 12 VDC (with short-circuit protection)
0to10V
4to20mA
0 to 10 VDC, permissible load impedance: 1 k
Ω min., resolution: approx. 2,600
4 to 20 mA, permissible load impedance: 500
Ω max., resolution: approx. 2,600
Auxiliary Output 1
Terminal numbers 2 and 3 are for auxiliary output 1 (SUB1).
The internal equalizing circuit for auxiliary output 1 is as follows:
5
4
3
2
1
10
9
8
7
6
13
14
11
12
3
2
Relay specifications are as follows: SPST-NO, 250 VAC, 1 A
Option
Terminal numbers 1, 13, and 14 are valid only when the option board is set in the Controller.
The following four connections are possible depending on the model of the option board.
5
4
3
2
1
10
9
8
7
6
13
14
11
12
13
14
1
13
14
1
13
14
1
13
14
1
SD
RD
SG
A
B
+
--
4to20mA
E53-CK01
RS-232C
E53-CK03
RS-485
E53-CKB
E53-CKF
Event input
Transfer output
Use event inputs under the following conditions:
Contact input
ON: 1 k
Ω max., OFF: 100 kΩ min.
No-contact input
ON: residual voltage 1.5 V max., OFF: leakage current 0.1 mA max.
The polarity for no-contact input is as follows:
13
14
1
+
--
Transfer output specifications are as follows: 4 to 20 mA, load: 500
Ω max., resolution approx. 2600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com