Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R4R4 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E53-R4R4
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R4R4 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E53-R4R4 Datasheet HTML 1Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 2Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 3Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 4Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 5Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 6Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 7Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 8Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--182
J Characteristics
Indication accuracy
(S
N t 1)
Thermocouple
±0.3% of indication value or ±1°C, whichever greater, ±1 digit max.
y
(See Note 1)
Platinum
resistance
thermometer
±0.2% of indication value or ±0.8°C, whichever greater, ±1 digit max.
Analog input
±0.2% of indication value, ±1 digit max.
Hysteresis
0.01% to 99.99% FS (in units of 0.01% FS)
Proportional band (P)
0.1% to 999.9% FS (in units of 0.1% FS)
Integral (reset) time (I)
0 to 3,999 s (in units of 1 s)
Derivative (rate) time (D)
0 to 3,999 s (in units of 1 s)
Control period
1 to 99 s (in units of 1 s)
Manual reset value
0.0% to 100.0% (in units of 0.1%)
Alarm setting range
--1,999 to 9,999 or --199.9 or 999.9 (decimal point position dependent on input type)
Set time
0to99hrs 59 minor0to 99 min59s
Program capacity
1 pattern, 16 steps (possible to use up to 4 patterns with the communications func-
tion.)
Programming method
Time or ramp setting method
Time accuracy
±0.2% (±500 ms) of the set value
Sampling period
(S
N t 2)
Temperature input
250 ms
p
g p
(See Note 2)
Analog input
100 ms
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between terminals of different polarities
Vibration resistance
Malfunction
10 to 55 Hz, 10 m/s2 (approx. 1G) for 10 min each in X, Y, and Z directions
Destruction
10 to 55 Hz, 20 m/s2 (approx. 2G) for 2 hrs each in X, Y, and Z directions
Shock resistance
Malfunction
200 m/s2 min. (approx. 20G), 3 times each in 6 directions (100 m/s2 (approx. 10G)
applied to the relay)
Destruction
300 m/s2 min. (30G), 3 times each in 6 directions
Ambient temperature
Operating
--10
°Cto55°C (with no icing)/3-year warranty period: --10°Cto50°C
p
Storage
--25
°Cto65°C (with no icing)
Ambient humidity
Operating
35% to 85%
Enclosure ratings
Front panel
NEMA 4 for indoor use (equivalent to IP66)
g
Rear case
IEC standard IP20
Terminals
IEC standard IP00
Memory protection
Non-volatile memory (number of writings: 100,000 operations)
Weight
Approx. 170 g;
Adapter: approx. 10 g
EMC
Emission Enclosure:
EN55011 Group 1 class A
Emission AC Mains:
EN55011 Group 1 class A
Immunity ESD:
EN61000-4-2:
4kV contact discharge (level 2)
8kV air discharge (level 3)
Immunity RF-interference:
ENV50140:
10V/m (amplitude modulated,
80 MHz to 1 GHz) (level 3)
10 V/m (pulse modulated, 900
MHz)
Immunity Conducted Disturbance: ENV50141:
10V (0.15 to 80 MHz ) (level 3)
Immunity Burst:
EN61000-4-4:
2kV power-line (level 3)
2kV I/O signal-line (level 4)
Approved standards
UL1092, CSA22.2 No. 14, CSA22.2 No. 1010-1
Conforms to EN50081-2, EN50082-2, EN61010-1 (IEC1010-1)
Conforms to VDE0106/part 100 (Finger Protection), when the separately-ordered
terminal cover is mounted.
Note: 1. The indication accuracy of the K1, T, and N thermocouples at a temperature of -100
°Cmax.is ±2°C ±1 digit maximum. The
indication accuracy of the U and L thermocouples at any temperature is
±2°C ±1 digit maximum.
The indication accuracy of the B thermocouple at a temperature of 400
°C max. is unrestricted.
The indication accuracy of the R and S thermocouples at a temperature of 200
°Cmax.is ±3°C ±1 digit maximum.
The indication accuracy of the W thermocouple at any temperature is (
±0.3% of the indicated value or ±3°C, whichever is great-
er)
±1 digit maximum. The indication accuracy of the PLII thermocouple at any temperature is (±0.3% or ±2°C, whichever is
greater)
±1 digit maximum.
2. The sampling period of the standard model with CT and remote SP inputs is 250 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com