Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-CKB Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E53-CKB
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-CKB Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E53-CKB Datasheet HTML 3Page - Omron Electronics LLC E53-CKB Datasheet HTML 4Page - Omron Electronics LLC E53-CKB Datasheet HTML 5Page - Omron Electronics LLC E53-CKB Datasheet HTML 6Page - Omron Electronics LLC E53-CKB Datasheet HTML 7Page - Omron Electronics LLC E53-CKB Datasheet HTML 8Page - Omron Electronics LLC E53-CKB Datasheet HTML 9Page - Omron Electronics LLC E53-CKB Datasheet HTML 10Page - Omron Electronics LLC E53-CKB Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--186
J Mounting the Controller
Note: On a standard model, set up the output boards for control outputs 1 and 2 before mounting the controller.
1.
Insert the Controller into the panel’s mounting hole at the position shown in the figure below.
2.
Push the adapter along the Controller body from the terminals up to the panel, and fasten temporarily.
3.
Tighten the two fixing screws on the adapter. When tightening screws, tighten the two screws alternately keeping the torque to
approximately 0.29 to 0.39 N S m, or 3 to 4 kgf S cm.
Adapter
Panel
Watertight packing
I: Current input
V: Voltage input
TC S PT: Temperature input
Note: Do not touch the pins of the jumper connector when setting the input type.
Note: The jumper is factory-set to TC S PT (temperature input).
Set the jumper to temperature, voltage, or current input according to the sensor connected to the input terminal.
Input Jumper Setting
After setting the jumper, put on the housing, pressing the housing until the hooks of the front panel snap on.
Terminal Cover
The E5CK-AA1-500 Controller is provided with a terminal cover E53-COV07. Fasten the terminal cover as follows by using the snap pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com