Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-CKB Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E53-CKB
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-CKB Datasheet(HTML) 4 Page - Omron Electronics LLC

  E53-CKB Datasheet HTML 1Page - Omron Electronics LLC E53-CKB Datasheet HTML 2Page - Omron Electronics LLC E53-CKB Datasheet HTML 3Page - Omron Electronics LLC E53-CKB Datasheet HTML 4Page - Omron Electronics LLC E53-CKB Datasheet HTML 5Page - Omron Electronics LLC E53-CKB Datasheet HTML 6Page - Omron Electronics LLC E53-CKB Datasheet HTML 7Page - Omron Electronics LLC E53-CKB Datasheet HTML 8Page - Omron Electronics LLC E53-CKB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--183
J Option Board Ratings and Characteristics
Model
Description
Specifications
E53-CKB
Event input
Contact input:
ON: 1 k
Ω max., OFF: 100 kΩ min.
No-contact input:
ON: residual voltage 1.5 V max., OFF: leakage current 0.1 mA max.
E53-CK01
Communications
RS-232C
Transmission method: Half-duplex
Synchronization method: Start-stop synchronization (asynchronous method)
E53-CK03
RS-485
Synchronization method: Start-stop synchronization (asynchronous method)
Baud rate: 1.2/2.4/4.8/9.6/19.2 kbps
E53-CKF
Transfer output
4to20mA:
Permissible load impedance: 500
Ω max.
Resolution: approx. 2,600 steps
Note: Event input is used for switching the pattern number, run or reset command, or automatic and manual mode with an external signal
input.
Temperature Ranges
Platinum Resistance Thermometer
Input (switch selectable)
JPt100
Pt100
Range
°C
--199.9
° to 650.0°
--199.9
° to 650.0°
°F
--199.9
° to 999.9°
--199.9
° to 999.9°
Resolution
°C/°F (main setting and alarm)
0.1
0.1
Thermocouple
Input (switch
selectable)
K1
K2
J1
J2
T
E
L1
L2
U
N
R
S
B
W
PLII
Range
°C
--200
to
1,300
0.0 to
500.0
--100
to 850
0.0 to
400.0
--199.9
to
400.0
0to
600
--100
to 850
0.0 to
400.0
--199.9
to
400.0
--200
to
1,300
0to
1,700
0to
1,700
100 to
1,800
0to
2,300
0to
1,300
°F
--300
to
2,300
0.0 to
900.0
--100
to
1,500
0.0 to
750.0
--199.9
to
700.0
0to
1,100
--100
to
1,500
0.0 to
750.0
--199.9
to
700.0
--300
to
2,300
0to
3,000
0to
3,000
300 to
3,200
0to
4,100
0to
2,300
Resolution
°C/°F(main
setting, alarm)
1
0.1
1
0.1
0.1
1
1
0.1
0.1
1
1
1
1
1
1
Note: 1. Setting number is factory-set to 2 (K1).
2. Thermocouple W is W/Re 5-26 (tungsten rhenium 5, tungsten rhenium 26).
Current/Voltage
Input (switch selectable)
Current input
Voltage input
4to20mA
0to20mA
1to 5 V
0to 5 V
0to 10V
Range
One of following ranges depending on results of scaling
--1999 to 9999
--199.9 to 999.9
--19.99 to 99.99
--1.999 to 9.999
Resolution (main setting and alarm)
Depends on range selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com