Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-CKB Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E53-CKB
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-CKB Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E53-CKB Datasheet HTML 5Page - Omron Electronics LLC E53-CKB Datasheet HTML 6Page - Omron Electronics LLC E53-CKB Datasheet HTML 7Page - Omron Electronics LLC E53-CKB Datasheet HTML 8Page - Omron Electronics LLC E53-CKB Datasheet HTML 9Page - Omron Electronics LLC E53-CKB Datasheet HTML 10Page - Omron Electronics LLC E53-CKB Datasheet HTML 11Page - Omron Electronics LLC E53-CKB Datasheet HTML 12Page - Omron Electronics LLC E53-CKB Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--188
J Wiring Precautions
•
Use ducts to separate input leads and power lines in order to protect the Controller and its lines from external noise.
•
Solderless terminals are recommended when wiring the Controller.
•
Tighten the terminal screws using a torque no greater than 0.78 N S m, or 8 kgf S cm max. Be careful not to tighten the terminal
screws too tightly.
Power Blocks for E5CK--T
The E5CK-T has independent power supplies for each of the terminal blocks shown below.
Note: The power supplies for blocks C (exclude relay output) and D are shared for the following option board:
E53-CKB or E53-CKF Option Board
E5CK-T
A
C
5
4
3
2
1
10
9
8
7
6
C
DB
11 12
13 14
J E5CK-T Wiring
Power Supply
Input 100 to 240 VAC to terminal numbers 4 and 5 according to the specification.
5
4
3
2
1
10
9
8
7
6
13
14
11
12
Input
Connect the input to terminal numbers 6 to 8 as follows according to the input type.
8
7
6
8
7
6
8
7
6
8
7
6
-
+
-
+
-
+
VmA
TC
⋅ PT
V
I
Thermocouple
Platinum resistance
thermometer
Voltage input
Current input
5
4
3
2
1
10
9
8
7
6
13
14
11
12
Match the inputs with the internal jumper settings for each input type. For thermocouple or platinum resistance thermometer inputs, set
the inputs to a common position (TC/PT) as the temperature input.
Control Output
Terminal numbers 11 and 12 are for control output 1 (OUT1). The five output types and internal equalizing circuits are available according
to the output board.
5
4
3
2
1
10
9
8
7
6
13
14
11
12
11
12
11
12
L
11
12
L
11
12
L
11
12
L
E53-R4R4
E53-Q4R4
E53-Q4Q4
E53-Q4HR4
E53-Q4HQ4H
E53-V44R4
E53-C4R4
E53-C4DR4
NPN
PNP
0to10 V
4to20mA
+v
+
-
+
-
+
-
+
-
GND
mA
Relay
V
+v
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com