Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN2POS20 Datasheet(PDF) 5 Page - Switchcraft, Inc.

Part # EN2POS20
Description  EN2??SERIES SEALED CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN2POS20 Datasheet(HTML) 5 Page - Switchcraft, Inc.

  EN2POS20 Datasheet HTML 1Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 2Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 3Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 4Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 5Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 6Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EN2™ SERIES SEALED CONNECTORS
NEW PRODUC T BULLE TIN 601
Pleasevisitwww.switchcraft.comforthemostup-to-dateproductspecifications.MadeinUSA.
en2™ cord connector field aSSembly inStructionS
0.375
9.5
MAX
0.188±0.015
4.8±0.4
Feed the free end of cable through the handle, cable-clamp/grommet, and coupling ring
in the order shown.
Strip cable end and conductors as shown.
Soldering or crimping conductors to contacts is recommended before insertion into connector.
If crimping, use hand or pneumatic crimp tool with crimp positioner per contact size.
If soldering after contacts are inserted in the connector, limit exposure of contacts to soldering iron
temperature to 4 sec. maximum. Soldering iron temperature should not exceed 650°F (343°C).
Insert wired contacts into connector housing using an insertion tool and per contacts arrangements.
Align coupling ring over housing and bring forward.
Align cable-clamp/grommet on the rear of housing. Make certain grommet is completely inside
the cable-clamp in the nal position.
Bring forward and thread handle onto housing until tight. Do not exceed 2 in-lb torque.
EN2 CORD CONNECTOR FIELD ASSEMBLY INSTRUCTIONS:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com