Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN2POS20 Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # EN2POS20
Description  EN2??SERIES SEALED CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN2POS20 Datasheet(HTML) 2 Page - Switchcraft, Inc.

  EN2POS20 Datasheet HTML 1Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 2Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 3Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 4Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 5Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 6Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EN2™ SERIES SEALED CONNECTORS
NEW PRODUC T BULLE TIN 601
Pleasevisitwww.switchcraft.comforthemostup-to-dateproductspecifications.MadeinUSA.
MEChANICAL SPECIFICATIONS
Life:
600insertion/withdrawalcyclesminimum
Vibration:
Mil-Std202GMethod201A
HexNutTorque:
5-6in/lb
OperatingForces:
8lbmaximuminsertion.0.25lbminimumwithdrawal
BackShellType:
ThreadedHandle
ELECTRICAL SPECIFICATIONS
VoltageRating:
250VAC/DCfor2contactarrangement.125VAC/DCfor3-7contactarrangements
CurrentRating:
Refertocurrentratingtableonpage3
InsulationResistance:
1000MΩminimum
ContactResistance:
10mΩmaximum
ENvIRONMENTAL SPECIFICATIONS
OperatingTemperatureLimits:
-40˚Cto+85˚C(-40˚Fto+185˚F)
MoistureResistance:
Mil-Std202GMethod106G
InsulationResistance:
Mil-Std202GMethod302ConditionB
ThermalShock:
Mil-Std202GMethod107G
SaltAtmosphere(Corrosion):
Mil-Std202GMethod101EConditionB
WeathertightRatings:
IP16,IP18,IP66,IP67,IP68perIEC60529.NEMA250(6P),CFR46Part110.20
MATERIAL SPECIFICATIONS
ConnectorHousing:
Thermoplastic,Black
HexNut:
Thermoplastic,Black
CouplingRing:
Thermoplastic,Black
CableClamp:
Thermoplastic,Black
Handle(Back-Shell)
Thermoplastic,Black
Insulator:
Elastomer,Black
SealGrommet:
Elastomer,Black
Contacts:
CopperAlloy,Plated
SpecificationS
ordering code
Consult factory for Cable to Cable (Inline) type connectors.
EN2
Connector Type:
C - Cord
P - Panel
# of Contacts:
2-3 for #20
4 for #22
5-7 for #26
Gender:
M - Male
F - Female
Contact Size:
20 - #20
22 - #22
26 - #26
Contact Style:
Leave blank for Solder or Crimp
P - PC tail (Panel connectors only)
Packaging Options:
Leave blank for Bulk
K - Kit (one unit/bag)
Grommet Code - Cable O.D. Range: (Cord Only)
DC - Daisy Chain (all 3 sizes)
G1 - 0.100-0.140 (2.5-3.6)
G2 - 0.140-0.180 (3.6-4.6)
G3 - 0.180-0.220 (4.6-5.6)
Coupling Ring Options (Cord Only):
Leave blank for Ribbed
W - Winged



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com