Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN2POS20 Datasheet(PDF) 6 Page - Switchcraft, Inc.

Part # EN2POS20
Description  EN2??SERIES SEALED CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN2POS20 Datasheet(HTML) 6 Page - Switchcraft, Inc.

  EN2POS20 Datasheet HTML 1Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 2Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 3Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 4Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 5Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 6Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EN2™ SERIES SEALED CONNECTORS
NEW PRODUC T BULLE TIN 601
Pleasevisitwww.switchcraft.comforthemostup-to-dateproductspecifications.MadeinUSA.
en2™ panel connector field aSSembly inStructionS
0.375
9.5
MIN.
0.188±0.015
4.8±0.4
EN2 PANEL-MOUNT
CONNECTOR
CONTACTS
SOLDER OR CRIMP
CABLE
0.25
6.4
MAX PANEL THICKNESS
Strip cable end and conductors as shown.
Soldering or crimping conductors to contacts is recommended before insertion into connector.
If crimping, use hand or pneumatic crimp tool with crimp positioner per contact size.
If soldering after contacts are inserted in the connector, limit exposure of contacts
to soldering iron temperature to 4 sec. maximum. Soldering iron temperature should
not exceed 650°F (343°C).
Insert wired contacts into connector housing using an insertion tool and per contacts arrangements.
Align and install connector into panel cut-out. Tighten hex nut 5 -6 in-lb.
EN2 PANEL CONNECTOR FIELD ASSEMBLY INSTRUCTIONS:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com