Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M7LS140 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF2425M7LS140
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF2425M7LS140 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF2425M7LS140 Datasheet HTML 1Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 2Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 3Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 4Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 5Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 6Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 7Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 8Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BLF2425M7L140; BLF2425M7LS140
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 6 September 2012
2 of 11
NXP Semiconductors
BLF2425M7L(S)140
Power LDMOS transistor
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
5.
Thermal characteristics
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BLF2425M7L140 (SOT502A)
1drain
2gate
3source
[1]
BLF2425M7LS140 (SOT502B)
1drain
2gate
3source
[1]
3
2
1
sym112
1
3
2
3
2
1
sym112
1
3
2
Table 3.
Ordering information
Type number
Package
Name Description
Version
BLF2425M7L140
-
flanged ceramic package; 2 mounting holes; 2 leads
SOT502A
BLF2425M7LS140
-
earless flanged ceramic package; 2 leads
SOT502B
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+13
V
Tstg
storage temperature
65
-
C
Tj
junction temperature
-
225
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =80 C; PL = 125 W
0.28
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com