Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M7LS140 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF2425M7LS140
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF2425M7LS140 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF2425M7LS140 Datasheet HTML 2Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 3Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 4Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 5Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 6Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 7Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 8Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 9Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BLF2425M7L140; BLF2425M7LS140
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 6 September 2012
6 of 11
NXP Semiconductors
BLF2425M7L(S)140
Power LDMOS transistor
8.
Package outline
Fig 5.
Package outline SOT502A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT502A
03-01-10
12-05-02
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 2 leads
SOT502A
p
L
A
F
b
D
U2
H
Q
c
1
3
2
D1
E
A
C
q
U1
C
B
E1
M
M
w2
UNIT
A
mm
D
b
12.83
12.57
0.15
0.08
20.02
19.61
9.53
9.25
19.94
18.92
9.91
9.65
4.72
3.43
c
U2
0.25
0.51
27.94
qw2
w1
F
1.14
0.89
U1
34.16
33.91
L
5.33
4.32
p
3.38
3.12
Q
1.70
1.45
EE1
9.50
9.30
inches
0.505
0.495
0.006
0.003
0.788
0.772
D1
19.96
19.66
0.786
0.774
0.375
0.364
0.785
0.745
0.390
0.380
0.186
0.135
0.01
0.02
1.100
0.045
0.035
1.345
1.335
0.210
0.170
0.133
0.123
0.067
0.057
0.374
0.366
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
w1
AB
M
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com