Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M7LS140 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF2425M7LS140
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF2425M7LS140 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF2425M7LS140 Datasheet HTML 1Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 2Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 3Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 4Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 5Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 6Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 7Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 8Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BLF2425M7L140; BLF2425M7LS140
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 6 September 2012
5 of 11
NXP Semiconductors
BLF2425M7L(S)140
Power LDMOS transistor
7.4 Graphical data
Table 9.
List of components
For test circuit see Figure 2.
Component
Description
Value
Remarks
C1, C4, C5
multilayer ceramic chip capacitor
15 pF
ATC100B
C2, C6
multilayer ceramic chip capacitor
10
F, 50 V
Murata
C3
multilayer ceramic chip capacitor
100 nF
Murata
C7
multilayer ceramic chip capacitor
62 pF
ATC100B
C8
electrolytic capacitor
22
F, 63 V
R1
resistor
10
SMD 0805; Bourns
VDS = 28 V; IDq = 1300 mA.
(1) Gp at f = 2400 MHz
(2) Gp at f = 2450 MHz
(3) Gp at f = 2500 MHz
(4)
D at f = 2400 MHz
(5)
D at f = 2450 MHz
(6)
D at f = 2500 MHz
VDS = 28 V; IDq = 1300 mA.
(1) Gp at f = 2400 MHz
(2) Gp at f = 2450 MHz
(3) Gp at f = 2500 MHz
(4)
D at f = 2400 MHz
(5)
D at f = 2450 MHz
(6)
D at f = 2500 MHz
Fig 3.
Power gain and drain efficiency as function of
load power; typical values
Fig 4.
Power gain and drain efficiency as function of
load power; typical values
DDD




















3/ G%P
*SSS
G%
'






DDD



















3/ :
*SSS
G%
'









Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com