Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ELM
Description  Aluminum Capacitors Axial Capacitors Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ELM Datasheet(HTML) 2 Page - Vishay Siliconix

  ELM Datasheet HTML 1Page - Vishay Siliconix ELM Datasheet HTML 2Page - Vishay Siliconix ELM Datasheet HTML 3Page - Vishay Siliconix ELM Datasheet HTML 4Page - Vishay Siliconix ELM Datasheet HTML 5Page - Vishay Siliconix ELM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Not for New Design
ELM/EBM
www.vishay.com
Vishay Roederstein
Revision: 12-Dec-12
2
Document Number: 25112
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Axial style capacitors are insulated.
Note
• Unless otherwise specified, all electrical values apply at
Ta = 20 °C, P = 80 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
The following table gives the ordering number.
The 16th place of ordering code refers to packaging for axial
lead capacitors:
MALAEBM00GD422B...EBM
2200 μF 6.3 V 10 x 25
MALAEBM00GD422BA0W
A = taped on reel
MALAEBM00GD422BB0W
B = taped ammo
Please see Dimensions table for available versions.
DIMENSIONS in millimeters AND AVAILABLE FORMS
DIMENSIONS in millimeters, MASS, PACKAGING QUANTITIES, AND ORDERING CODE
NOMINAL
CASE SIZE
Ø D x L
Ø d
Ø Dmax.
Lmax.
Amin.
B
MASS
APPROX.
g
PACKAGING, ENDING OF ORDERING CODE, QUANTITIES
TAPED ON REEL
TAPED AMMO
CODE
PCS.
CODE
PCS.
4.5 x 11
0.6
5
11.0
15
63.5 ± 1.5
0.5
..A0W
3000
..B0W
1000
6 x 10
0.6
6.3
10.5
15
63.5 ± 1.5
0.7
..A0W
1000
..B0W
1000
6.5 x 18
0.8
6.9
18.5
25
73.0 ± 1.6
1.3
..A0W
1000
..B0W
1000
8 x 18
0.8
8.5
18.5
25
73.0 ± 1.6
1.7
..A0W
500
..B0W
500
10 x 18
0.8
10.5
18.5
25
73.0 ± 1.6
2.5
..A0W
500
..B0W
500
10 x 25
0.8
10.5
25.0
30
73.0 ± 1.6
3.3
..A0W
500
..B0W
500
B
L
Ø D
Ø d
+
L
A
Ø d
Ø D
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
Rated voltage
CR
Rated capacitance at 100 Hz
tan
Max. dissipation factor at 100 Hz
RESR
Equivalent series resistance at 100 Hz
(calculated from tan
max. and CR)
Z
Max. impedance at 10 kHz
IR
Rated alternating current (RMS) at 100 Hz and upper
category temperature
Ta
Ambient temperature
Tuc
Upper category temperature
RH
Relative humidity
PAmbient pressure



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com