Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ELM
Description  Aluminum Capacitors Axial Capacitors Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ELM Datasheet(HTML) 3 Page - Vishay Siliconix

  ELM Datasheet HTML 1Page - Vishay Siliconix ELM Datasheet HTML 2Page - Vishay Siliconix ELM Datasheet HTML 3Page - Vishay Siliconix ELM Datasheet HTML 4Page - Vishay Siliconix ELM Datasheet HTML 5Page - Vishay Siliconix ELM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Not for New Design
ELM/EBM
www.vishay.com
Vishay Roederstein
Revision: 12-Dec-12
3
Document Number: 25112
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
100 Hz
MAX.
RESR
100 Hz
(
)
Z
10 kHz
MAX.
(
)
IR
100 Hz
TUC
(A)
CATALOG NUMBER
MALA...
6.3
1000
8 x 18
0.25
0.400
0.500
0.44
EBM00FL410BB0W
1500
10 x 18
0.25
0.270
0.320
0.56
EBM00GL415BB0W
2200
10 x 25
0.29
0.210
0.160
0.71
EBM00GD422BB0W
10
100
4.5 x 11
0.20
3.200
2.000
0.10
ELM00BA310CB0W
220
6 x 10
0.20
1.500
0.910
0.16
EBM00CK322CB0W
470
6.5 x 18
0.20
0.680
0.430
0.31
EBM00DL347CB0W
680
8 x 18
0.20
0.470
0.290
0.40
EBM00FL368CB0W
1000
10 x 18
0.20
0.320
0.200
0.55
EBM00GL410CB0W
1500
10 x 25
0.23
0.250
0.180
0.69
EBM00GD415CB0W
16
470
8 x 18
0.16
0.550
0.340
0.38
EBM00FL347DB0W
680
10 x 18
0.16
0.380
0.240
0.50
EBM00GL368DB0W
1000
10 x 25
0.16
0.260
0.180
0.66
EBM00GD410DB0W
25
33
4.5 x 11
0.14
6.700
3.500
0.07
ELM00BA233EB0W
47
4.5 x 11
0.14
4.800
2.600
0.08
ELM00BA247EB0W
100
6 x 10
0.14
2.300
1.200
0.15
EBM00CK310EB0W
220
6.5 x 18
0.14
1.000
0.550
0.25
EBM00DL322EB0W
470
10 x 18
0.14
0.480
0.260
0.45
EBM00GL347EB0W
680
10 x 25
0.14
0.330
0.180
0.56
EBM00GD368EB0W
40
22
4.5 x 11
0.11
8.000
3.200
0.06
ELM00BA222GB0W
47
6 x 10
0.11
3.800
1.500
0.11
EBM00CK247GB0W
100
6.5 x 18
0.11
1.800
0.700
0.19
EBM00DL310GB0W
220
10 x 18
0.11
0.800
0.320
0.33
EBM00GL322GB0W
470
10 x 25
0.11
0.370
0.160
0.52
EBM00GD347GB0W
63
10
4.5 x 11
0.08
13.000
5.500
0.05
ELM00BA210JB0W
22
6 x 10
0.08
5.800
2.500
0.09
EBM00CK222JB0W
47
6.5 x 18
0.08
2.700
1.200
0.15
EBM00DL247JB0W
100
8 x 18
0.08
1.300
0.550
0.25
EBM00FL310JB0W
220
10 x 25
0.08
0.600
0.250
0.43
EBM00GD322JB0W
100
1.0
4.5 x 11
0.08
130.000
90.000
0.01
ELM00BA110LB0W
2.2
4.5 x 11
0.08
58.000
41.000
0.02
ELM00BA122LB0W
4.7
4.5 x 11
0.08
27.000
19.000
0.03
ELM00BA147LB0W
10
6 x 10
0.08
13.000
9.000
0.07
EBM00CK210LB0W
22
6.5 x 18
0.08
5.800
4.100
0.10
EBM00DL222LB0W
47
8 x 18
0.08
2.700
1.900
0.16
EBM00FL247LB0W
100
10 x 25
0.08
1.300
0.900
0.30
EBM00GD310LB0W
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
UR  100 V
Us =1.15 x UR
Reverse voltage
-
URev  1 V
Current
Leakage current
UR  100 V
UR, 300 s
IL/μA  0.002 x CR/μF x UR/V + 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com