Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ELM
Description  Aluminum Capacitors Axial Capacitors Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ELM Datasheet(HTML) 4 Page - Vishay Siliconix

  ELM Datasheet HTML 1Page - Vishay Siliconix ELM Datasheet HTML 2Page - Vishay Siliconix ELM Datasheet HTML 3Page - Vishay Siliconix ELM Datasheet HTML 4Page - Vishay Siliconix ELM Datasheet HTML 5Page - Vishay Siliconix ELM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Not for New Design
ELM/EBM
www.vishay.com
Vishay Roederstein
Revision: 12-Dec-12
4
Document Number: 25112
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOW TEMPERATURE BEHAVIOUR
Table for the calculation of the maximum 10 kHz impedance at low temperatures:
In practical operation the lower limit of the series resistance and impedance is given by the ohmic part of the contact points and
the foil resistance values. Therefore it will not always be possible to achieve calculated values below 0.05
.
LIFETIME TABLE UR  100 V
Note
IR 100 Hz alternating current [A] at upper category temperature TUC taken from datasheet
I
User current [A]
Ta Ambient temperature of capacitor [°C]
L
Lifetime multiplier
Regard L as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency
TA
(°C)
RATED VOLTAGE (V)
6.3
1016
2540
5063
100
- 25
2100
1600
1250
680
390
375
240
200
- 40
7600
5700
3500
1870
1150
1100
650
500
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE, AND LIFETIME
I/IR (frequency dependent)
LIFETIME MULTIPLIER L (depending on I/IR and Ta)
FREQUENCY [Hz]
AMBIENT TEMPERATURE Ta [°C]
50
100
250
500
1000
> 2500
10 K
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
0
0
0
0
0
0
56
35
23
15
9.7
6.4
4.3
3.0
2.0
1.42
1.00
0.71
0.51
0.37
0.18
0.20
0.22
0.23
0.24
0.25
0.26
54
34
22
14
9.4
6.3
4.2
2.9
2.0
1.40
0.98
0.70
0.50
0.36
0.36
0.40
0.44
0.46
0.48
0.50
0.52
49
31
20
13
8.8
5.9
4.0
2.7
1.9
1.33
0.94
0.67
0.48
0.35
0.54
0.60
0.66
0.69
0.72
0.75
0.78
43
28
18
12
8.0
5.4
3.7
2.5
1.8
1.24
0.88
0.63
0.45
0.33
0.72
0.80
0.88
0.92
0.96
1.00
1.04
36
24
16
10
7.0
4.8
3.3
2.3
1.6
1.13
0.80
0.58
0.42
0.31
0.90
1.00
1.10
1.15
1.20
1.25
1.30
29
19
13
8.8
6.0
4.1
2.9
2.0
1.4
1.00
0.72
0.52
0.38
0.28
1.08
1.20
1.32
1.38
1.44
1.50
1.56
23
16
11
7.3
5.0
3.5
2.4
1.7
1.2
0.88
0.63
0.46
0.34
1.26
1.40
1.54
1.61
1.68
1.75
1.82
18
12
8.5
5.9
4.1
2.9
2.0
1.5
1.0
0.75
0.55
0.40
0.29
1.44
1.60
1.76
1.84
1.92
2.00
2.08
13
9.4
6.6
4.7
3.3
2.3
1.7
1.2
0.87
0.64
0.47
0.34
1.62
1.80
1.98
2.07
2.16
2.25
2.34
10
7.1
5.1
3.6
2.6
1.9
1.4
1.0
0.72
0.53
0.39
0.29
1.80
2.00
2.20
2.30
2.40
2.50
2.60
7.3
5.3
3.8
2.8
2.0
1.5
1.1
0.80
0.59
0.43
0.32
1.98
2.20
2.42
2.53
2.64
2.75
2.86
5.3
3.9
2.9
2.1
1.6
1.2
0.85
0.63
0.47
0.35
2.16
2.40
2.64
2.76
2.88
3.00
3.12
3.8
2.8
2.1
1.6
1.2
0.89
0.66
0.50
0.37
0.28
2.34
2.60
2.86
2.99
3.12
3.25
3.38
2.7
2.1
1.6
1.2
0.89
0.67
0.51
0.39
0.29
2.52
2.80
3.08
3.22
3.36
3.50
3.64
1.9
1.5
1.1
0.87
0.67
0.51
0.39
0.30
2.70
3.00
3.30
3.45
3.60
3.75
3.90
1.4
1.1
0.82
0.64
0.49
0.38
0.30
combination
not
permitted
2.88
3.20
3.52
3.68
3.84
4.00
4.16
0.95
0.75
0.59
0.46
0.36
0.28
3.06
3.40
3.74
3.91
4.08
4.25
4.42
0.66
0.53
0.42
0.34
3.24
3.60
3.96
4.14
4.32
4.50
4.68
0.46
0.37
3.42
3.80
4.18
4.37
4.56
4.75
4.94
0.32
Z10 kHz
 

Tabular value
CR μF

-----------------------------------
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com