Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CC Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32F303CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 50Page - STMicroelectronics STM32F303CC Datasheet HTML 51Page - STMicroelectronics STM32F303CC Datasheet HTML 52Page - STMicroelectronics STM32F303CC Datasheet HTML 53Page - STMicroelectronics STM32F303CC Datasheet HTML 54Page - STMicroelectronics STM32F303CC Datasheet HTML 55Page - STMicroelectronics STM32F303CC Datasheet HTML 56Page - STMicroelectronics STM32F303CC Datasheet HTML 57Page - STMicroelectronics STM32F303CC Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
54/133
Doc ID 023353 Rev 5
6.1.6
Power supply scheme
Figure 11.
Power supply scheme
1.
Dotted lines represent the internal connections on low pin count packages, joining the dedicated supply
pins.
Caution:
Each power supply pair (VDD/VSS, VDDA/VSSA etc..) must be decoupled with filtering
ceramic capacitors as shown above. These capacitors must be placed as close as possible
to, or below the appropriate pins on the underside of the PCB to ensure the good
functionality of the device.
MS19875V3
Po wer swi tch
VBAT
GP I/O s
OUT
IN
Kernel logic
(CPU,
Digital
& Memories)
Backup circuitry
(LSE,RTC,
Backup registers)
Wake-up logic
100 nF
+ 1 × 4.7 μF
1.65 - 3.6V
Regulator
VDDA
VSSA
ADC/
DAC
IO
Logic
VDD
10 nF
+ 1 μF
VDDA
VREF+
VREF-
VDD
VSS
4 ×
3 ×
VREF
10 nF
+ 1 μF
4 ×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com