Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CC Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F303CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 5Page - STMicroelectronics STM32F303CC Datasheet HTML 6Page - STMicroelectronics STM32F303CC Datasheet HTML 7Page - STMicroelectronics STM32F303CC Datasheet HTML 8Page - STMicroelectronics STM32F303CC Datasheet HTML 9Page - STMicroelectronics STM32F303CC Datasheet HTML 10Page - STMicroelectronics STM32F303CC Datasheet HTML 11Page - STMicroelectronics STM32F303CC Datasheet HTML 12Page - STMicroelectronics STM32F303CC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
STM32F302xx/STM32F303xx
Description
Doc ID 023353 Rev 5
9/133
2
Description
The STM32F302xx/STM32F303xx family is based on the high-performance ARM®
Cortex™-M4F 32-bit RISC core operating at a frequency of up to 72 MHz, and embedding a
floating point unit (FPU), a memory protection unit (MPU) and an embedded trace macrocell
(ETM). The family incorporates high-speed embedded memories (up to 256 Kbytes of Flash
memory, up to 48 Kbytes of SRAM) and an extensive range of enhanced I/Os and
peripherals connected to two APB buses.
The devices offer up to four fast 12-bit ADCs (5 Msps), up to seven comparators, up to four
operational amplifiers, up to two DAC channels, a low-power RTC, up to five general-
purpose 16-bit timers, one general-purpose 32-bit timer, and two timers dedicated to motor
control. They also feature standard and advanced communication interfaces: up to two I2Cs,
up to three SPIs (two SPIs are with multiplexed full-duplex I2Ss on
STM32F303xB/STM32F303xC devices), three USARTs, up to two UARTs, CAN and USB.
To achieve audio class accuracy, the I2S peripherals can be clocked via an external PLL.
The STM32F302xx/STM32F303xx family operates in the -40 to +85 °C and -40 to +105 °C
temperature ranges from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving
mode allows the design of low-power applications.
The STM32F302xx/STM32F303xx family offers devices in three packages ranging from 48
pins to 100 pins.
The set of included peripherals changes with the device chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com