Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CC Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F303CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 61Page - STMicroelectronics STM32F303CC Datasheet HTML 62Page - STMicroelectronics STM32F303CC Datasheet HTML 63Page - STMicroelectronics STM32F303CC Datasheet HTML 64Page - STMicroelectronics STM32F303CC Datasheet HTML 65Page - STMicroelectronics STM32F303CC Datasheet HTML 66Page - STMicroelectronics STM32F303CC Datasheet HTML 67Page - STMicroelectronics STM32F303CC Datasheet HTML 68Page - STMicroelectronics STM32F303CC Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 133 page
background image
STM32F302xx/STM32F303xx
Electrical characteristics
Doc ID 023353 Rev 5
65/133
Table 30.
Typical and maximum VDD consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD=VDDA)Max
(1)
Unit
2.0V 2.4V 2.7V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
20.05 20.33 20.42 20.50 20.67 20.80 44.2(2)
553 1202(2)
µA
Regulator in low-power
mode, all oscillators OFF
7.63
7.77
7.90
8.07
8.17
8.33 30.6(2)
529 1156(2)
Supply
current in
Standby
mode
LSI ON and IWDG ON
0.80
0.96
1.09
1.23
1.37
1.51
-
-
-
LSI OFF and IWDG OFF 0.60
0.74
0.83
0.93
1.02
1.11
5.0(2)
7.8
13.3(2)
1.
Data based on characterization results, not tested in production unless otherwise specified.
2.
Data based on characterization results and tested in production.
Table 31.
Typical and maximum VDDA consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD = VDDA)Max
(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDDA
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
1.81 1.95 2.07 2.20 2.35 2.52
3.7
5.5
8.8
µA
Regulator in low-power
mode, all oscillators
OFF
1.81 1.95 2.07 2.20 2.35 2.52
3.7
5.5
8.8
Supply
current in
Standby
mode
LSI ON and IWDG ON
2.22 2.42 2.59 2.78
3.0
3.24
-
-
-
LSI OFF and IWDG
OFF
1.69 1.82 1.94 2.08 2.23 2.40
3.5
5.4
9.2
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
1.05 1.08 1.10 1.15 1.22 1.29
-
-
-
Regulator in low-power
mode, all oscillators
OFF
1.05 1.08 1.10 1.15 1.22 1.29
-
-
-
Supply
current in
Standby
mode
LSI ON and IWDG ON
1.44 1.52 1.60 1.71 1.84 1.98
-
-
-
LSI OFF and IWDG
OFF
0.93 0.95 0.98 1.02 1.08 1.15
-
-
-
1.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com