Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CC Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32F303CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 125Page - STMicroelectronics STM32F303CC Datasheet HTML 126Page - STMicroelectronics STM32F303CC Datasheet HTML 127Page - STMicroelectronics STM32F303CC Datasheet HTML 128Page - STMicroelectronics STM32F303CC Datasheet HTML 129Page - STMicroelectronics STM32F303CC Datasheet HTML 130Page - STMicroelectronics STM32F303CC Datasheet HTML 131Page - STMicroelectronics STM32F303CC Datasheet HTML 132Page - STMicroelectronics STM32F303CC Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 133 page
background image
STM32F302xx/STM32F303xx
Revision history
Doc ID 023353 Rev 5
131/133
05-Dec-2012
4
Updated first page
Removed references to VDDSDx and VSSSD
Added reference to PM0214 in Section 1
Moved Temp. sensor calibartion values toTable 74 and VREF
calibration values to Table 27
Updated Table 2: STM32F30xB/C family device features and
peripheral counts on page 10
UpdatedSection 3.4: Embedded SRAM on page 14
Updated Section 3.2: Memory protection unit (MPU) on page 13
Updated Section 3.23: Universal serial bus (USB) on page 28
Modified Section 3.25: Touch sensing controller (TSC) on page 29
Updated heading of Table 6: USART features on page 27
Updated Table 11: STM32F302xx/STM32F303xx pin definitions on
page 36
Added notes to PC13, PC14 and PC15 in Table 11:
STM32F302xx/STM32F303xx pin definitions on page 36
Updated Figure 11: Power supply scheme on page 54
Modified Table 19: Voltage characteristics on page 56
Modified Table 20: Current characteristics on page 57
Modified Table 22: General operating conditions on page 58
Modified Figure 13: Typical VBAT current consumption (LSE and RTC
ON/LSEDRV[1:0] = ’00’) on page 66
Updated Section 6.3.14: I/O port characteristics on page 87
Updated Table 28: Typical and maximum current consumption from
VDD supply at VDD = 3.6V on page 62 and Table 29: Typical and
maximum current consumption from the VDDA supply on page 63
Updated Table 30: Typical and maximum VDD consumption in Stop
and Standby modes on page 65 and Table 31: Typical and maximum
VDDA consumption in Stop and Standby modes on page 65
Updated Table 32: Typical and maximum current consumption from
VBAT supply on page 66
Added Figure 13: Typical VBAT current consumption (LSE and RTC
ON/LSEDRV[1:0] = ’00’)
Updated Table 33: Typical current consumption in Run mode, code
with data processing running from Flash on page 67 and Table 34:
Typical current consumption in Sleep mode, code running from Flash
or RAM on page 68
Added Table 36: Peripheral current consumption on page 71
Added Table 35: Switching output I/O current consumption on page 70
Updated Section 6.3.6: Wakeup time from low-power mode on page 73
Modified ESD absolute maximum ratings on page 84
Modified Table 53: Output voltage characteristics on page 90
Updated EMI characteristics on page 84
Updated Table 54: I/O AC characteristics on page 91
Updated Table 51: I/O current injection susceptibility on page 86
Updated Table 56: TIMx characteristics on page 93
Updated Section 7.2: Thermal characteristics on page 126
Added Table 67: Maximum ADC RAIN on page 106
Added Table 68: ADC accuracy - limited test conditions on page 107
Updated Table 69: ADC accuracy on page 109
Updated Table 70: DAC characteristics on page 112
Updated Table 72: Operational amplifier characteristics on page 116
Updated figures and tables in Section 7: Package characteristics
Table 81.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com