Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 9Page - Analog Devices ADP5050 Datasheet HTML 10Page - Analog Devices ADP5050 Datasheet HTML 11Page - Analog Devices ADP5050 Datasheet HTML 12Page - Analog Devices ADP5050 Datasheet HTML 13Page - Analog Devices ADP5050 Datasheet HTML 14Page - Analog Devices ADP5050 Datasheet HTML 15Page - Analog Devices ADP5050 Datasheet HTML 16Page - Analog Devices ADP5050 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 13 of 60
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
012
34
IOUT (A)
VOUT =1.2V
VOUT =1.5V
VOUT =1.8V
VOUT =2.5V
VOUT =3.3V
VOUT =5.0V
Figure 5. Channel 1/Channel 2 Efficiency Curve, VIN = 12 V, fSW = 600 kHz,
FPWM Mode
0
10
20
30
40
50
60
70
80
90
100
012
34
IOUT (A)
VOUT =1.2V
VOUT =1.5V
VOUT =1.8V
VOUT =2.5V
VOUT =3.3V
Figure 6. Channel 1/Channel 2 Efficiency Curve, VIN = 5.0 V, fSW = 600 kHz,
FPWM Mode
0
10
20
30
40
50
60
70
80
90
100
012
34
IOUT (A)
fSW =1.0MHz
fSW = 600kHz
fSW = 300kHz
Figure 7. Channel 1/Channel 2 Efficiency Curve, VIN = 12 V, VOUT = 1.8 V,
FPWM Mode
0
10
20
30
40
50
60
70
80
90
100
00.11
10
IOUT (A)
VOUT =1.2V, FPWM
VOUT = 1.2V, AUTO PWM/PSM
VOUT =1.8V, FPWM
VOUT = 1.8V, AUTO PWM/PSM
VOUT =3.3V, FPWM
VOUT = 3.3V, AUTO PWM/PSM
Figure 8. Channel 1/Channel 2 Efficiency Curve, VIN = 12 V, fSW = 600 kHz,
FPWM and Automatic PWM/PSM Modes
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
VOUT =1.2V
VOUT =1.5V
VOUT =1.8V
VOUT =2.5V
VOUT =3.3V
VOUT =5.0V
Figure 9. Channel 3/Channel 4 Efficiency Curve, VIN = 12 V, fSW = 600 kHz,
FPWM Mode
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
VOUT =1.2V
VOUT =1.5V
VOUT =1.8V
VOUT =2.5V
VOUT =3.3V
Figure 10. Channel 3/Channel 4 Efficiency Curve, VIN = 5.0 V, fSW = 600 kHz,
FPWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com