Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5050
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 17Page - Analog Devices ADP5050 Datasheet HTML 18Page - Analog Devices ADP5050 Datasheet HTML 19Page - Analog Devices ADP5050 Datasheet HTML 20Page - Analog Devices ADP5050 Datasheet HTML 21Page - Analog Devices ADP5050 Datasheet HTML 22Page - Analog Devices ADP5050 Datasheet HTML 23Page - Analog Devices ADP5050 Datasheet HTML 24Page - Analog Devices ADP5050 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 21 of 60
LOW-SIDE DEVICE SELECTION
The buck regulators in Channel 1 and Channel 2 integrate 4 A
high-side power MOSFETs and low-side MOSFET drivers. The
N-channel MOSFETs selected for use with the ADP5050 must be
able to work with the synchronized buck regulators. In general,
a low RDSON N-channel MOSFET can be used to achieve higher
efficiency; dual MOSFETs in one package (for both Channel 1
and Channel 2) are recommended to save space on the PCB. For
more information, see the Low-Side Power Device Selection
section.
BOOTSTRAP CIRCUITRY
Each buck regulator in the ADP5050 has an integrated bootstrap
regulator. The bootstrap regulator requires a 0.1 µF ceramic capac-
itor (X5R or X7R) between the BSTx and SWx pins to provide
the gate drive voltage for the high-side MOSFET.
ACTIVE OUTPUT DISCHARGE SWITCH
Each buck regulator in the ADP5050 integrates a discharge switch
from the switching node to ground. This switch is turned on when
its associated regulator is disabled, which helps to discharge the
output capacitor quickly. The typical value of the discharge switch
is 250 Ω for Channel 1 to Channel 4.
The discharge switch function can be enabled or disabled for each
channel by factory fuse or by using the I2C interface (Register 6,
OPT_CFG).
PRECISION ENABLING
The ADP5050 has an enable control pin for each regulator,
including the LDO regulator. The enable control pin (ENx)
features a precision enable circuit with a 0.8 V reference voltage.
When the voltage at the ENx pin is greater than 0.8 V, the regulator
is enabled. When the voltage at the ENx pin falls below 0.725 V,
the regulator is disabled. An internal 1 MΩ pull-down resistor
prevents errors if the ENx pin is left floating.
The precision enable threshold voltage allows easy sequencing
of channels within the part, as well as sequencing between the
ADP5050 and other input/output supplies. The ENx pin can also
be used as a programmable UVLO input using a resistor divider
(see Figure 43). For more information, see the Programming the
UVLO Input section.
0.8V
DEGLITCH
TIMER
INTERNAL
ENABLE
ENx
R1
R2
1MΩ
INPUT/OUTPUT
VOLTAGE
ADP5050
Figure 43. Precision Enable Diagram for One Channel
In addition to the ENx pins, the I2C interface (Register 1,
PCTRL) can also be used to enable and disable each channel. The
on/off status of a channel is controlled by the I2C enable bit for
the channel (CHx_ON) and the external hardware enable pin for
the channel (logical AND).
The default value of the I2C enable bit (CHx_ON = 1) specifies
that the channel enable is controlled by the external hardware
enable pin. Pulling the external ENx pin low resets the channel
and forces the corresponding CHx_ON bit to the default value, 1,
to support another startup when the external ENx pin is pulled
high again.
OSCILLATOR
The switching frequency (fSW) of the ADP5050 can be set to a
value from 250 kHz to 1.4 MHz by connecting a resistor from
the RT pin to ground. The value of the RT resistor can be
calculated as follows:
RRT (kΩ) = [14,822/fSW (kHz)]1.081
Figure 44 shows the typical relationship between the switching
frequency (fSW) and the RT resistor. The adjustable frequency
allows users to make decisions based on the trade-off between
efficiency and solution size.
1.6M
1.4M
1.2M
1.0M
800k
600k
400k
200k
0
0
20
40
RT RESIST
OR (kΩ)
60
80
Figure 44. Switching Frequency vs. RT Resistor
For Channel 1 and Channel 3, the frequency can be set to half
the master switching frequency set by the RT pin. This setting
is configured using Register 8 (Bit 7 for Channel 3, and Bit 6 for
Channel 1). If the master switching frequency is less than 250 kHz,
this halving of the frequency for Channel 1 or Channel 3 is not
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com