Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F685 Datasheet HTML 1Page - Microchip Technology PIC16F685 Datasheet HTML 2Page - Microchip Technology PIC16F685 Datasheet HTML 3Page - Microchip Technology PIC16F685 Datasheet HTML 4Page - Microchip Technology PIC16F685 Datasheet HTML 5Page - Microchip Technology PIC16F685 Datasheet HTML 6Page - Microchip Technology PIC16F685 Datasheet HTML 7Page - Microchip Technology PIC16F685 Datasheet HTML 8Page - Microchip Technology PIC16F685 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 1
PIC16F631/677/685/687/689/690
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 20 MHz oscillator/clock input
- DC – 200 ns instruction cycle
• Interrupt Capability
• 8-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ± 1%
- Software selectable frequency range of
8 MHz to 32 kHz
- Software tunable
- Two-Speed Start-up mode
- Crystal fail detect for critical applications
- Clock mode switching during operation for
power savings
• Power-Saving Sleep mode
• Wide Operating Voltage Range (2.0V-5.5V)
• Industrial and Extended Temperature Range
• Power-on Reset (POR)
• Power-up Timer (PWRTE) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR) with Software Control
Option
• Enhanced Low-Current Watchdog Timer (WDT)
with On-Chip Oscillator (Software selectable
nominal 268 Seconds with Full Prescaler) with
Software Enable
• Multiplexed Master Clear/Input Pin
• Programmable Code Protection
• High Endurance Flash/EEPROM Cell:
- 100,000 write Flash endurance
- 1,000,000 write EEPROM endurance
- Flash/Data EEPROM retention: > 40 years
• Enhanced USART Module:
- Supports RS-485, RS-232 and LIN 2.0
- Auto-Baud Detect
- Auto-wake-up on Start bit
Low-Power Features:
• Standby Current:
- 50 nA @ 2.0V, typical
• Operating Current:
-11
μA @ 32 kHz, 2.0V, typical
-220
μA @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
-<1
μA @ 2.0V, typical
Peripheral Features:
• 17 I/O Pins and 1 Input-Only Pin:
- High current source/sink for direct LED drive
- Interrupt-on-Change pin
- Individually programmable weak pull-ups
- Ultra Low-Power Wake-up (ULPWU)
• Analog Comparator Module with:
- Two analog comparators
- Programmable on-chip voltage reference
(CVREF) module (% of VDD)
- Comparator inputs and outputs externally
accessible
- SR Latch mode
- Timer 1 Gate Sync Latch
- Fixed 0.6V VREF
• A/D Converter:
- 10-bit resolution and 12 channels
• Timer0: 8-bit Timer/Counter with 8-bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Timer1 Gate (count enable)
- Option to use OSC1 and OSC2 in LP mode
as Timer1 oscillator if INTOSC mode
selected
• Timer2: 8-bit Timer/Counter with 8-bit Period
Register, Prescaler and Postscaler
• Enhanced Capture, Compare, PWM+ Module:
- 16-bit Capture, max resolution 12.5 ns
- Compare, max resolution 200 ns
- 10-bit PWM with 1, 2 or 4 output channels,
programmable “dead time”, max frequency
20 kHz
- PWM output steering control
• Synchronous Serial Port (SSP):
- SPI mode (Master and Slave)
•I2C™ (Master/Slave modes):
-I2C™ address mask
• In-Circuit Serial ProgrammingTM (ICSPTM) via Two
Pins
20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with
nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com