Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 35Page - Microchip Technology PIC16F685 Datasheet HTML 36Page - Microchip Technology PIC16F685 Datasheet HTML 37Page - Microchip Technology PIC16F685 Datasheet HTML 38Page - Microchip Technology PIC16F685 Datasheet HTML 39Page - Microchip Technology PIC16F685 Datasheet HTML 40Page - Microchip Technology PIC16F685 Datasheet HTML 41Page - Microchip Technology PIC16F685 Datasheet HTML 42Page - Microchip Technology PIC16F685 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 37
PIC16F631/677/685/687/689/690
2.2.2.2
OPTION Register
The OPTION register, shown in Register 2-2, is a
readable and writable register, which contains various
control bits to configure:
• Timer0/WDT prescaler
• External RA2/INT interrupt
•Timer0
• Weak pull-ups on PORTA/PORTB
Note:
To achieve a 1:1 prescaler assignment for
Timer0, assign the prescaler to the WDT by
setting PSA bit of the OPTION register to
‘1’. See Section 6.3 “Timer1 Prescaler”.
REGISTER 2-2:
OPTION_REG: OPTION REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
RABPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RABPU: PORTA/PORTB Pull-up Enable bit
1
= PORTA/PORTB pull-ups are disabled
0
= PORTA/PORTB pull-ups are enabled by individual PORT latch values
bit 6
INTEDG: Interrupt Edge Select bit
1
= Interrupt on rising edge of RA2/INT pin
0
= Interrupt on falling edge of RA2/INT pin
bit 5
T0CS: Timer0 Clock Source Select bit
1
= Transition on RA2/T0CKI pin
0
= Internal instruction cycle clock (FOSC/4)
bit 4
T0SE: Timer0 Source Edge Select bit
1
= Increment on high-to-low transition on RA2/T0CKI pin
0
= Increment on low-to-high transition on RA2/T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
= Prescaler is assigned to the WDT
0
= Prescaler is assigned to the Timer0 module
bit 2-0
PS<2:0>: Prescaler Rate Select bits
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
Timer0 Rate WDT Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com