Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 82Page - Microchip Technology PIC16F685 Datasheet HTML 83Page - Microchip Technology PIC16F685 Datasheet HTML 84Page - Microchip Technology PIC16F685 Datasheet HTML 85Page - Microchip Technology PIC16F685 Datasheet HTML 86Page - Microchip Technology PIC16F685 Datasheet HTML 87Page - Microchip Technology PIC16F685 Datasheet HTML 88Page - Microchip Technology PIC16F685 Datasheet HTML 89Page - Microchip Technology PIC16F685 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 84
© 2008 Microchip Technology Inc.
6.0
TIMER1 MODULE WITH GATE
CONTROL
The Timer1 module is a 16-bit timer/counter with the
following features:
• 16-bit timer/counter register pair (TMR1H:TMR1L)
• Programmable internal or external clock source
• 3-bit prescaler
• Optional LP oscillator
• Synchronous or asynchronous operation
• Timer1 gate (count enable) via comparator or
T1G pin
• Interrupt on overflow
• Wake-up on overflow (external clock,
Asynchronous mode only)
• Time base for the Capture/Compare function
(PIC16F685/PIC16F690 only)
• Special Event Trigger (with ECCP)
(PIC16F685/PIC16F690 only)
• Comparator output synchronization to Timer1
clock
Figure 6-1 is a block diagram of the Timer1 module.
6.1
Timer1 Operation
The Timer1 module is a 16-bit incrementing counter
which is accessed through the TMR1H:TMR1L register
pair. Writes to TMR1H or TMR1L directly update the
counter.
When used with an internal clock source, the module is
a timer. When used with an external clock source, the
module can be used as either a timer or counter.
6.2
Clock Source Selection
The TMR1CS bit of the T1CON register is used to select
the clock source. When TMR1CS = 0, the clock source
is FOSC/4. When TMR1CS = 1, the clock source is
supplied externally.
FIGURE 6-1:
TIMER1 BLOCK DIAGRAM
Clock
Source
T1OSCEN
FOSC
Mode
TMR1CS
FOSC/4
x
xxx
0
T1CKI pin
0
xxx
1
T1LPOSC
1
LP or
INTOSCIO
1
TMR1H
TMR1L
Oscillator
T1SYNC
T1CKPS<1:0>
Prescaler
1, 2, 4, 8
Synchronize(3)
det
1
0
0
1
Synchronized
clock input
2
Set flag bit
TMR1IF on
Overflow
TMR1(2)
TMR1GE
TMR1ON
T1OSCEN
1
0
SYNCC2OUT(4)
T1GSS
T1GINV
To C2 Comparator Module
Timer1 Clock
TMR1CS
OSC2/T1G
OSC1/T1CKI
Note 1:
ST Buffer is low power type when using LP oscillator, or high speed type when using T1CKI.
2:
Timer1 register increments on rising edge.
3:
Synchronize does not operate while in Sleep.
4:
SYNCC2OUT is synchronized when the C2SYNC bit of the
CM2CON1 register is set.
(1)
EN
INTOSC
Without CLKOUT
FOSC/4
Internal
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com