Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ035P02 Datasheet(PDF) 1 Page - Rohm

Part # RTQ035P02
Description  DC-DC Converter (??0V, ??.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ035P02 Datasheet(HTML) 1 Page - Rohm

  RTQ035P02 Datasheet HTML 1Page - Rohm RTQ035P02 Datasheet HTML 2Page - Rohm RTQ035P02 Datasheet HTML 3Page - Rohm RTQ035P02 Datasheet HTML 4Page - Rohm RTQ035P02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RTQ035P02
Transistor
1/4
DC-DC Converter (−20V, −3.5A)
RTQ035P02
Features
1) Low On-resistance.(80mΩ at 2.5V)
2) High Power Package.
3) High speed switching.
4) Low voltage drive.(2.5V)
Applications
External dimensions
(Units : mm)
1.6
2.8
Each lead has same dimensions
Abbreviatedsymbol : TL
TSMT6
DC-DC converter
Structure
Silicon P-channel
MOSFET
Packaging specifications
Taping
RTQ035P02
Type
TR
3000
Package
Basic ordering unit
(pieces)
Code
Equivalent circuit
(1)
∗1
∗2
∗1 ESD PROTECTION DIODE
(1)DRAIN
(2)DRAIN
(3)GATE
(4)SOURCE
(5)DRAIN
(6)DRAIN
(2)
(3)
(4)
(5)
(6)
∗2 BODY DIODE


Similar Part No. - RTQ035P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ035P02 ROHM-RTQ035P02 Datasheet
93Kb / 5P
DC-DC Converter (-20V, -3.5A)
logo
VBsemi Electronics Co.,...
RTQ035P02 VBSEMI-RTQ035P02 Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Rohm
RTQ035P02FHA ROHM-RTQ035P02FHA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTQ035P02HZG ROHM-RTQ035P02HZG Datasheet
2Mb / 15P
Pch -20V -3.5A Small Signal MOSFET
More results

Similar Description - RTQ035P02

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
150KHz, 5A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
List of Unclassifed Man...
XL4005 ETC2-XL4005 Datasheet
222Kb / 9P
5A 300KHz 32V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Maxim Integrated Produc...
MAX17506 MAXIM-MAX17506_V01 Datasheet
739Kb / 20P
4.5V??0V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com