Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SMPP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # 2SMPP
Description  MEMS Gauge Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

2SMPP Datasheet(HTML) 1 Page - Omron Electronics LLC

  2SMPP_11 Datasheet HTML 1Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 2Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 3Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 4Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 5Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 6Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 7Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 8Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MEMS Gauge Pressure Sensor
2SMPP
35
MEMS Gauge Pressure Sensor
2SMPP
MEMS Gauge Pressure Sensor Featuring
Small Size and Low Power Consumption
• Ultra-miniature 6.1 × 4.7 × 8.2 mm (L × W × H).
• Piezo Resistive element provides electrical characteristics
that are superior to capacitive type pressure sensors.
• 0 to 37 kPa (2SMPP-02) or -50 to 50 kPa (2SMPP-03)
pressure range.
• Low Power consumption of 0.2 mW
• Low Temperature Influence
• RoHS Compliant
Ordering Information
Standard Models with Surface mount package
Terminal Arrangement
Application Examples
• Medical equipment
• Home appliance
• Air movement control
• Level indicators
• Leak detection
• Pressure controller
Classification
Pressure Range
Structure
Packaging
Model
Bottom Port Type
0 to 37 kPa
SOP
Plastic sleeve
2SMPP-02
-50 to 50 kPa
2SMPP-03
Vout (
−)
Nsub
(Connect to ICC)
Non Conneted
GND
Icc
Vout (
+)


Similar Part No. - 2SMPP_11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
2SMPP-02 OMRON-2SMPP-02 Datasheet
357Kb / 8P
MEMS Gauge Pressure Sensor
More results

Similar Description - 2SMPP_11

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSPPAR ALPS-HSPPAR Datasheet
370Kb / 1P
MEMS Pressure Sensor
logo
Omron Electronics LLC
2SMPP OMRON-2SMPP Datasheet
357Kb / 8P
MEMS Gauge Pressure Sensor
logo
Silicon Microstructures...
SM4232-HGA-S-005-000 SMI-SM4232-HGA-S-005-000 Datasheet
633Kb / 8P
Gauge Pressure Sensor
SM4233-HGL-S-005-000 SMI-SM4233-HGL-S-005-000 Datasheet
633Kb / 8P
Gauge Pressure Sensor
SM4233-HGL-S-375-000 SMI-SM4233-HGL-S-375-000 Datasheet
907Kb / 8P
Gauge Pressure Sensor
SM5291-BCE-S-100-000 SMI-SM5291-BCE-S-100-000 Datasheet
347Kb / 1P
Gauge Pressure Sensor
SM6291-BBE-S-021-000 SMI-SM6291-BBE-S-021-000 Datasheet
382Kb / 1P
Gauge Pressure Sensor
SM6291-BCE-S-030-000 SMI-SM6291-BCE-S-030-000 Datasheet
382Kb / 1P
Gauge Pressure Sensor
SM7291-BBE-S-002-001 SMI-SM7291-BBE-S-002-001 Datasheet
448Kb / 1P
Gauge Pressure Sensor
SM7291-BCE-S-010-000 SMI-SM7291-BCE-S-010-000 Datasheet
372Kb / 1P
Gauge Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com