Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SMPP Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # 2SMPP
Description  MEMS Gauge Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

2SMPP Datasheet(HTML) 5 Page - Omron Electronics LLC

  2SMPP_11 Datasheet HTML 1Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 2Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 3Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 4Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 5Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 6Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 7Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 8Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MEMS Gauge Pressure Sensor
2SMPP
39
Temperature influence of Span voltage (at 50 kPA)
Temperature influence of Offset voltage (at 0 kPa)
Note: 1. Measured points are 0
°C, 25°C, 50°C and 85°C at 0 to 50 kPa.
2. Drive current: 100
μA
3. These output voltage characteristics are measured with tester without a mounting board.
4. The output voltage characteristics may be influenced by the mounting board. Be sure to check operation including durability in actual
equipment before use.
Pressure cycle range (0 to 75 kPa)
Note: 1. Tested temperature condition: 25
°C
2. Number of pressure cycle time: 1 x 105
3. Rated cycle pressure: 0 to 75 kPa
4. These output voltage characteristics are measured with tester without a mounting board.
Temperature [°C]
-1.0
-0.5
0.0
0.5
1.0
2.0
1.5
0
-10
10
20
30 40
50 60
70 8090
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
-10
10 20 30
40 50
60 70
8090
Temperature [°C]
1
0
-1
-0.5
0.5
0
25000
50000
75000
100000
Pressure cycle
Pressure cycle
1
0
-1
-0.5
0.5
0
25000
50000
75000
100000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com