Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SMPP Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # 2SMPP
Description  MEMS Gauge Pressure Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

2SMPP Datasheet(HTML) 4 Page - Omron Electronics LLC

  2SMPP_11 Datasheet HTML 1Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 2Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 3Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 4Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 5Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 6Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 7Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 8Page - Omron Electronics LLC 2SMPP_11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
38
MEMS Gauge Pressure Sensor
2SMPP
Pressure cycle range (0 to 40 kPa)
Note: 1. Tested temperature condition: 25
°C
2. Number of pressure cycle time: 3 x 105
3. Rated cycle pressure: 0 to 40 kPa
4. These output voltage characteristics are measured with tester without a mounting board.
■ Output Characteristics - 2SMPP-03
Rated Pressure vs. Output Voltage
Note: 1. Ambient temperature condition: 25
°C
2. Drive current: 100
μA
3. These output voltage characteristics are measured with tester without a mounting board.
4. The output voltage characteristics may be influenced by the mounting board. Be sure to check operation including durability in actual
equipment before use.
Pressure cycle
−1
0
−0.5
0
100000
200000
300000
0.5
1
Pressure cycle
−1
0
−0.5
0
100000
200000
300000
0.5
1
10
0
-10
-20
-30
-40
-50
20 30
40
50
-50
-40
-30
-20
-10
10
20
30
40
0
Rated Pressure [kPa]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com