Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8 Datasheet(PDF) 273 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 273 Page - Microchip Technology

Back Button SE8 Datasheet HTML 269Page - Microchip Technology SE8 Datasheet HTML 270Page - Microchip Technology SE8 Datasheet HTML 271Page - Microchip Technology SE8 Datasheet HTML 272Page - Microchip Technology SE8 Datasheet HTML 273Page - Microchip Technology SE8 Datasheet HTML 274Page - Microchip Technology SE8 Datasheet HTML 275Page - Microchip Technology SE8 Datasheet HTML 276Page - Microchip Technology SE8 Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 273
PIC16(L)F1946/47
24.5.8 GENERAL CALL ADDRESS SUPPORT
The addressing procedure for the I2C bus is such that
the first byte after the Start condition usually deter-
mines which device will be the slave addressed by the
master device. The exception is the general call
address which can address all devices. When this
address is used, all devices should, in theory, respond
with an acknowledge.
The general call address is a reserved address in the
I2C protocol, defined as address 0x00. When the
GCEN bit of the SSPxCON2 register is set, the slave
module will automatically ACK the reception of this
address regardless of the value stored in SSPxADD.
After the slave clocks in an address of all zeros with
the R/W bit clear, an interrupt is generated and slave
software
can
read
SSPxBUF
and
respond.
Figure 24-23
shows
a
general
call
reception
sequence.
In 10-bit Address mode, the UA bit will not be set on
the reception of the general call address. The slave
will prepare to receive the second byte as data, just as
it would in 7-bit mode.
If the AHEN bit of the SSPxCON3 register is set, just
as with any other address reception, the slave hard-
ware will stretch the clock after the 8th falling edge of
SCLx. The slave must then set its ACKDT value and
release the clock with communication progressing as it
would normally.
FIGURE 24-24:
SLAVE MODE GENERAL CALL ADDRESS SEQUENCE
24.5.9 SSPX MASK REGISTER
An SSPx Mask (SSPxMSK) register (Register 24-5) is
available in I2C Slave mode as a mask for the value
held in the SSPxSR register during an address
comparison operation. A zero (‘0’) bit in the SSPxMSK
register has the effect of making the corresponding bit
of the received address a “don’t care”.
This register is reset to all ‘1’s upon any Reset
condition and, therefore, has no effect on standard
SSPx operation until written with a mask value.
The SSPx Mask register is active during:
• 7-bit Address mode: address compare of A<7:1>.
• 10-bit Address mode: address compare of A<7:0>
only. The SSPx mask has no effect during the
reception of the first (high) byte of the address.
SDAx
SCLx
S
SSPxIF
BF (SSPxSTAT<0>)
Cleared by software
SSPxBUF is read
R/W = 0
ACK
General Call Address
Address is compared to General Call Address
Receiving Data
ACK
12
3
4
5
6
7
8
9
1
2
3
45
67
8
9
D7
D6
D5
D4
D3
D2
D1
D0
after ACK, set interrupt
GCEN (SSPxCON2<7>)
’1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com