Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8 Datasheet(PDF) 276 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 276 Page - Microchip Technology

Back Button SE8 Datasheet HTML 272Page - Microchip Technology SE8 Datasheet HTML 273Page - Microchip Technology SE8 Datasheet HTML 274Page - Microchip Technology SE8 Datasheet HTML 275Page - Microchip Technology SE8 Datasheet HTML 276Page - Microchip Technology SE8 Datasheet HTML 277Page - Microchip Technology SE8 Datasheet HTML 278Page - Microchip Technology SE8 Datasheet HTML 279Page - Microchip Technology SE8 Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 276
 2010-2012 Microchip Technology Inc.
24.6.4 I2C MASTER MODE START
CONDITION TIMING
To initiate a Start condition, the user sets the Start
Enable bit, SEN bit of the SSPxCON2 register. If the
SDAx and SCLx pins are sampled high, the Baud Rate
Generator
is
reloaded
with
the
contents
of
SSPxADD<7:0> and starts its count. If SCLx and
SDAx are both sampled high when the Baud Rate
Generator times out (TBRG), the SDAx pin is driven
low. The action of the SDAx being driven low while
SCLx is high is the Start condition and causes the S bit
of the SSPxSTAT1 register to be set. Following this,
the Baud Rate Generator is reloaded with the contents
of SSPxADD<7:0> and resumes its count. When the
Baud Rate Generator times out (TBRG), the SEN bit of
the SSPxCON2 register will be automatically cleared
by hardware; the Baud Rate Generator is suspended,
leaving the SDAx line held low and the Start condition
is complete.
FIGURE 24-26:
FIRST START BIT TIMING
Note 1:
If at the beginning of the Start condition,
the SDAx and SCLx pins are already sam-
pled low, or if during the Start condition,
the SCLx line is sampled low before the
SDAx line is driven low, a bus collision
occurs, the Bus Collision Interrupt Flag,
BCLxIF, is set, the Start condition is
aborted and the I2C module is reset into
its Idle state.
2:
The Philips I2C Specification states that a
bus collision cannot occur on a Start.
SDAx
SCLx
S
TBRG
1st bit
2nd bit
TBRG
SDAx = 1,
At completion of Start bit,
SCLx = 1
Write to SSPxBUF occurs here
TBRG
hardware clears SEN bit
TBRG
Write to SEN bit occurs here
Set S bit (SSPxSTAT<3>)
and sets SSPxIF bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com