Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6474 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP6474
Description  2 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6474 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP6474 Datasheet HTML 19Page - Microchip Technology MCP6474 Datasheet HTML 20Page - Microchip Technology MCP6474 Datasheet HTML 21Page - Microchip Technology MCP6474 Datasheet HTML 22Page - Microchip Technology MCP6474 Datasheet HTML 23Page - Microchip Technology MCP6474 Datasheet HTML 24Page - Microchip Technology MCP6474 Datasheet HTML 25Page - Microchip Technology MCP6474 Datasheet HTML 26Page - Microchip Technology MCP6474 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002324C-page 23
MCP6471/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
5-Lead SOT-23 (MCP6471 only)
Example
3E25
Part Number
Code
MCP6471T-E/OT
3ENN
5-Lead SC-70 (MCP6471 only)
Example
DP25
8-Lead MSOP (3x3 mm) (MCP6472 only)
Example
6472E
1320256
8-Lead SOIC (3.90 mm) (MCP6472 only)
Example
MCP6472
E/SN1320
256
Part Number
Code
MCP6471T-E/LTY
DPNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com