Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6474 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6474
Description  2 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6474 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6474 Datasheet HTML 15Page - Microchip Technology MCP6474 Datasheet HTML 16Page - Microchip Technology MCP6474 Datasheet HTML 17Page - Microchip Technology MCP6474 Datasheet HTML 18Page - Microchip Technology MCP6474 Datasheet HTML 19Page - Microchip Technology MCP6474 Datasheet HTML 20Page - Microchip Technology MCP6474 Datasheet HTML 21Page - Microchip Technology MCP6474 Datasheet HTML 22Page - Microchip Technology MCP6474 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002324C-page 19
MCP6471/2/4
4.7.3
PH ELECTRODE AMPLIFIER
The MCP6471/2/4 op amps can be used for sensing
applications where the sensor has high output
impedance, such as a pH electrode sensor; its output
impedance is in the range of 1 M
 to 1G. The key op
amp specifications for these kinds of applications are
low-input bias current and high-input impedance.
A typical sensing circuit is shown in Figure 4-12, it is
implemented with a non-inverting amplifier which has a
gain of 1+R2/R1. The input voltage error due to input
bias current is equal to IB*ROUT, which is amplified by
1+R2/R1 at the output. To minimize the voltage error
and get the VOUT with better accuracy, the IB must be
small enough.
FIGURE 4-12:
pH Electrode Amplifier.
VOUT
R1
R2
VIN
+
–
pH electrode
VSEN
VSEN is the sensed voltage by pH electrode
ROUT is the pH electrode’s output impedance
+
–
ROUT
MCP647X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com