Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6474 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6474
Description  2 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6474 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6474 Datasheet HTML 5Page - Microchip Technology MCP6474 Datasheet HTML 6Page - Microchip Technology MCP6474 Datasheet HTML 7Page - Microchip Technology MCP6474 Datasheet HTML 8Page - Microchip Technology MCP6474 Datasheet HTML 9Page - Microchip Technology MCP6474 Datasheet HTML 10Page - Microchip Technology MCP6474 Datasheet HTML 11Page - Microchip Technology MCP6474 Datasheet HTML 12Page - Microchip Technology MCP6474 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002324C-page 9
MCP6471/2/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.0V to +5.5V, VSS = GND, VCM =VDD/2, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =20 pF.
FIGURE 2-13:
Quiescent Current vs.
Ambient Temperature.
FIGURE 2-14:
Quiescent Current vs.
Common Mode Input Voltage.
FIGURE 2-15:
Quiescent Current vs.
Common Mode Input Voltage.
FIGURE 2-16:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-17:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-18:
DC Open-Loop Gain vs.
Ambient Temperature.
80
95
110
125
140
155
V
DD = 5.5V
V
DD = 2.0V
50
65
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
CM = VDD/4
70
85
100
115
130
145
40
55
70
Common Mode Input Voltage (V)
V
DD = 2.0V
70
85
100
115
130
145
V
DD = 5.5V
40
55
Common Mode Input Voltage (V)
DD
40
60
80
100
120
140
+125°C
+85°C
V
= V
/4
0
20
Power Supply Voltage (V)
+25°C
-40°C
V
CM = VDD/4
-150
-120
-90
-60
-30
0
20
40
60
80
100
120
Open-Loop Gain
Open-Loop Phase
-210
-180
150
-20
0
20
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
Frequency (Hz)
1
10
100
1k
10k
100k 1M 10M
110
120
130
140
150
V
DD = 2.0V
V
DD = 5.5V
90
100
110
-50
-25
0
25
50
75
100
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com