Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73223-C2S/MF Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP73223-C2S/MF
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223-C2S/MF Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP73223-C2S/MF Datasheet HTML 5Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 6Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 7Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 8Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 9Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 10Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 11Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 12Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2009-2013 Microchip Technology Inc.
DS22191E-page 9
MCP73123/223
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, V
DD = [VREG (Typical) + 1V], IOUT = 10 mA and TA= +25°C, Constant Voltage mode.
FIGURE 2-13:
Overvoltage Protection Start
(50 ms/Div).
FIGURE 2-14:
Overvoltage Protection Stop
(50 ms/Div).
FIGURE 2-15:
Load Transient Response
(ILOAD = 50 mA, Output Ripple: 100 mV/Div,
Output Current: 50 mA/Div, Time: 100 µs/Div).
FIGURE 2-16:
Complete Charge Cycle
(1100 mAh LiFePO4 Battery).
FIGURE 2-17:
Line Transient Response
(ILOAD = 10 mA, Source Voltage: 2V/Div, Output
Ripple: 100 mV/Div, Time: 100 µs/Div).
FIGURE 2-18:
Line Transient Response
(ILOAD = 100 mA, Source Voltage: 2V/Div, Output
Ripple: 100 mV/Div, Time: 100 µs/Div).
Charge Current
Input Voltage
Battery Voltage
Charge Current
Input Voltage
Battery Voltage
Output Ripple (mV)
Output Current (mA)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
1020
30
4050
60
70
Time (Minutes)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VDD = 5V
RPROG = 1 kΩ
1100 mAh LiFePO4 Battery
Thermal Regulation
Source Voltage (V)
Output Ripple (mV)
Source Voltage (V)
Output Ripple (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com