Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73223-C2S/MF Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP73223-C2S/MF
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223-C2S/MF Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP73223-C2S/MF Datasheet HTML 12Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 13Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 14Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 15Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 16Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 17Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 18Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 19Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MCP73123/223
DS22191E-page 16
 2009-2013 Microchip Technology Inc.
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation is
when
the
device
has
transitioned
from
the
Preconditioning mode to the Constant Current mode. In
this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost, and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Charge Current
The recommended fast charge current should be
obtained from the battery manufacturer. For
example, a 1000 mAh battery pack with 2C preferred
fast charge current has a charge current of 1000 mA.
Charging at this rate provides the shortest charge cycle
times
without
degradation
of
the
battery
pack
performance or life.
6.1.1.2
Thermal Considerations
The worst-case power dissipation in the battery
charger occurs when the input voltage is at the
maximum and the device has transitioned from the
Preconditioning mode to the Constant Current mode.
In this case, the power dissipation is calculated using
Equation 6-1.
EQUATION 6-1:
Power dissipation with a 5V, ±10% input voltage
source, 500 mA ±10% and preconditioning threshold
voltage at 2V is calculated using Equation 6-2.
EQUATION 6-2:
This power dissipation with the battery charger in the
DFN-10
package
will
raise
the
temperature
approximately 83
C above room temperature.
6.1.1.3
External Capacitors
The MCP73123/223 is stable with or without a battery
load. In order to maintain good AC stability in the
Constant Voltage mode, a minimum capacitance of
1 µF is recommended to bypass the VBAT pin to VSS.
This capacitance provides compensation when there is
no
battery
load.
In
addition,
the
battery
and
interconnections appear inductive at high frequencies.
These elements are in the control feedback loop during
Constant
Voltage
mode.
Therefore,
the
bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
A minimum of 1 µF is recommended for the output
capacitor, and a minimum of 1 µF is recommended for
the input capacitor in typical applications.
TABLE 6-1:
MLCC CAPACITOR EXAMPLE
Virtually any good quality output filter capacitor can be
used,
independent
of
the
capacitor’s
minimum
Effective Series Resistance (ESR) value. The actual
value of the capacitor (and its associated ESR)
depends on the output load current. A 1 µF ceramic,
tantalum, or aluminum electrolytic capacitor at the
output is usually sufficient to ensure stability.
6.1.1.4
Reverse-Blocking Protection
The MCP73123/223 provides protection from a faulted
or shorted input. Without the protection, a faulted or
shorted input would discharge the battery pack through
the body diode of the internal pass transistor.
Note:
Please consult with your battery supplier
or refer to the battery data sheet for the
preferred charge rate.
PowerDissipation
V
DDMAX
V
PTHMIN
–
 I
REGMAX
=
Where:
VDDMAX = the maximum input voltage
IREGMAX = the maximum fast charge current
VPTHMIN = the minimum transition threshold
voltage
MLCC
Capacitors
Temperature
Range
Tolerance
X7R
-55
C to +125C
±15%
X5R
-55
C to +85C
±15%
Po werDissipa tio n
5.5V
2 V
–
 550mA
1.925 W
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com