Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73223-C2S/MF Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP73223-C2S/MF
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223-C2S/MF Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP73223-C2S/MF Datasheet HTML 7Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 8Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 9Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 10Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 11Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 12Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 13Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 14Page - Microchip Technology MCP73223-C2S/MF Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2009-2013 Microchip Technology Inc.
DS22191E-page 11
MCP73123/223
4.0
DEVICE OVERVIEW
The MCP73123/223 are simple, but fully integrated
linear charge management controllers. Figure 4-1
depicts the operational flow algorithm.
FIGURE 4-1:
The MCP73123/223 Flow Chart.
VBAT < VPTH
Timer Expired
SHUTDOWN MODE
VDD < VUVLO
VDD < VPD
or
PROG > 200 k
STAT = High-Z
TEMPERATURE FAULT
No Charge Current
STAT = Flashing (Type 2)
STAT = High-Z (Type 1)
Timer Suspended
TIMER FAULT
No Charge Current
STAT = Flashing (Type 2)
STAT = High-Z (Type 1)
Timer Suspended
PRECONDITIONING MODE
Charge Current = IPREG
STAT = LOW
Timer Reset
Timer Enable
FAST CHARGE MODE
Charge Current = IREG
STAT = LOW
Timer Reset
Timer Enabled
CONSTANT VOLTAGE MODE
Charge Voltage = VREG
STAT = LOW
CHARGE COMPLETE MODE
No Charge Current
STAT = High-Z
Timer Reset
VBAT > VPTH
VBAT = VREG
VBAT < ITERM
VBAT > VPTH
VBAT < VRTH
VDD < VOVP
VDD > VOVP
OVERVOLTAGE PROTECTION
No Charge Current
STAT = High-Z
Timer Suspended
VDD > VOVP
VDD < VOVP
VDD > VOVP
VDD < VOVP
Timer Expired
TIMER FAULT
No Charge Current
STAT = Flashing (Type 2)
STAT = High-Z (Type 1)
Timer Suspended
Die Temperature > TSD
Die Temperature < TSDHYS
Charge Mode Resume
BATTERY SHORT PROTECTION
Charge Current = ISHORT
STAT = Flashing (Type 2)
STAT = High-Z (Type 1)
Timer Suspended
VBAT > VSHORT
VBAT < VSHORT
Charge Mode Resume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com