Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MB Datasheet(PDF) 9 Page - Microchip Technology

Part # MRF24WB0MB
Description  MRF24WB0MA/MRF24WB0MB Data Sheet 2.4 GHz IEEE 802.11b?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 9 Page - Microchip Technology

Back Button MRF24WB0MB Datasheet HTML 5Page - Microchip Technology MRF24WB0MB Datasheet HTML 6Page - Microchip Technology MRF24WB0MB Datasheet HTML 7Page - Microchip Technology MRF24WB0MB Datasheet HTML 8Page - Microchip Technology MRF24WB0MB Datasheet HTML 9Page - Microchip Technology MRF24WB0MB Datasheet HTML 10Page - Microchip Technology MRF24WB0MB Datasheet HTML 11Page - Microchip Technology MRF24WB0MB Datasheet HTML 12Page - Microchip Technology MRF24WB0MB Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
 2010-2013 Microchip Technology Inc.
DS70632C-page 9
MRF24WB0MA/MRF24WB0MB
The MRF24WB0MA has an integrated PCB antenna.
For best performance, mount the module on the PCB
without metal obstructions in the keep out area. The
antenna
is
tuned
to
have
FR4
PCB
material
underneath the module. Do not “cut-out” host PCB
material under the antenna. Figure 1-4 shows the
recommended host PCB footprint for the module.
FIGURE 1-4:
RECOMMENDED HOST PCB FOOTPRINT
Note 1: The “Note 1” demarcation specifies the host PCB copper plane “keep-out” area on underlying
board layers. Users can route surface escape traces in this area. The module has exposed
copper test points on bottom side in the “keep out” zone. Ensure that there is no exposed cop-
per on mounting board that may short these.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com