Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MB Datasheet(PDF) 11 Page - Microchip Technology

Part # MRF24WB0MB
Description  MRF24WB0MA/MRF24WB0MB Data Sheet 2.4 GHz IEEE 802.11b?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 11 Page - Microchip Technology

Back Button MRF24WB0MB Datasheet HTML 7Page - Microchip Technology MRF24WB0MB Datasheet HTML 8Page - Microchip Technology MRF24WB0MB Datasheet HTML 9Page - Microchip Technology MRF24WB0MB Datasheet HTML 10Page - Microchip Technology MRF24WB0MB Datasheet HTML 11Page - Microchip Technology MRF24WB0MB Datasheet HTML 12Page - Microchip Technology MRF24WB0MB Datasheet HTML 13Page - Microchip Technology MRF24WB0MB Datasheet HTML 14Page - Microchip Technology MRF24WB0MB Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
 2010-2013 Microchip Technology Inc.
DS70632C-page 11
MRF24WB0MA/MRF24WB0MB
2.0
CIRCUIT DESCRIPTION
The
MRF24WB0MA/MRF24WB0MB
interfaces
to
Microchip’s PIC18, PIC24, dsPIC33, and PIC32
microprocessors
with
a
minimal
of
external
components through digital-only connections. This
section details use of the module, starting with an
example host connection as shown in Figure 2-1.
2.1
Schematic
FIGURE 2-1:
MRF24WB0MA/MRF24WB0MB EXAMPLE APPLICATION SCHEMATIC
2.2
Power-On Sequence
The internal regulators for the digital and analog core
power
supplies
are
disabled
by
driving
the
HIBERNATE pin high. Figure 2-2 shows the power up
sequence for the MRF24WB0MA/MRF24WB0MB.
An internal Power-on Reset (POR) circuit which keeps
the
module
in
Reset
until
VDD
is
within
the
specification. The Hibernate and Reset signals are also
used to control startup. In Figure 2-2, section A is
controlled by the internal POR and section B is an
allowance for the SPI bus to stabilize when the module
supplies are enabled. After Hibernate is disabled, the
host software provides 1mS of startup to allow the SPI
to stabilize. This time is pre-programmed into the host
driver, and may need to be increased if insufficient
initial drive current is not provided to the MRF24WB0M
module. Section C is the driver controlled release from
Reset period. This takes approximately 300 mS and is
monitored by the stack driver. No additional time needs
to be provided by user software for startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com