Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MB Datasheet(PDF) 13 Page - Microchip Technology

Part # MRF24WB0MB
Description  MRF24WB0MA/MRF24WB0MB Data Sheet 2.4 GHz IEEE 802.11b?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 13 Page - Microchip Technology

Back Button MRF24WB0MB Datasheet HTML 9Page - Microchip Technology MRF24WB0MB Datasheet HTML 10Page - Microchip Technology MRF24WB0MB Datasheet HTML 11Page - Microchip Technology MRF24WB0MB Datasheet HTML 12Page - Microchip Technology MRF24WB0MB Datasheet HTML 13Page - Microchip Technology MRF24WB0MB Datasheet HTML 14Page - Microchip Technology MRF24WB0MB Datasheet HTML 15Page - Microchip Technology MRF24WB0MB Datasheet HTML 16Page - Microchip Technology MRF24WB0MB Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
 2010-2013 Microchip Technology Inc.
DS70632C-page 13
MRF24WB0MA/MRF24WB0MB
2.3
Power States
The MRF24WB0MA/MRF24WB0MB has the following
power states: Hibernate, Sleep and Active (two sub-
states), as shown in Figure 2.4. The selection of power
state affects system behavior, and overall power con-
sumption or battery life. Addition to that there is one
“Standby” state that is not user-controlled.
FIGURE 2-3:
MRF24WB0MA/MRF24WB0MB POWER-STATE DIAGRAM
2.3.1
HIBERNATE STATE
An “Off” state is defined as no power applied to the
device. The Hibernate mode is the closest to controlled
off that the module can approach. It is controlled
through the HIBERNATE pin (high input puts the
module into Hibernate). When in Hibernate, the module
only consumes leakage current, but does not maintain
state. Hibernate has to be fully controlled by the PIC
MCU and requires the TCP/IP stack to restart on an
awake.
The module contains about 70µF of internal bulk
capacitance. Supplies should be provisioned to supply
sufficient charge on release of hibernate for required
start time or sufficient delay must be provided in
software after hibernate release and before Reset
release.
This state provides the best battery life for embedded
products. Entering Hibernate for intervals of less than
30 seconds is not likely to save power. Battery life
expectation can be more than a year for devices
operating on AA cells that is in Hibernate except to
wake up every hour for a small data transfer (<500
Bytes).
2.3.2
SLEEP STATE
The Sleep state is a low power dynamic state that
implements the 802.11 Power Save feature. In this
mode, if enabled, the module will enter Power Save
mode when all activity is complete.
The module will wake autonomously to any PIC
intervention to check DTIM beacons from the Access
Point (AP). If any traffic is listed as queued for the
module, then it will awaken and get the data from the
AP on the next possible opportunity. When data is
acquired,
the
module
will
interrupt
the
PIC
microcontroller on a normal “data available” indication.
If no data is available on a DTIM check, the module
reenters the Power Save state until the next DTIM. The
DTIM interval is programmed at the AP. This state can
provide “as if on” behavior of the radio with a significant
power savings versus “always on”. The battery life
expectation of this mode is several days to several
weeks. This mode is characterized by a very-low
latency (as low as 200 mS) to begin data transfer from
the low-power state.
2.3.3
ACTIVE STATE
The Active state is identified as one of the two states
where the radio circuitry is fully on. The two active
states are the Receive state (RX ON) and Transmit
state (TX ON).
Note 1: See Section 2.2, Power-On Sequence.
Off
Hibernate
Standby
RX On
TX On
Sleep
200 µs
200 µs
10 µs
Note 1
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com