Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS62C19A Datasheet(PDF) 9 Page - Microchip Technology

Part # MTS62C19A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS62C19A Datasheet(HTML) 9 Page - Microchip Technology

Back Button MTS62C19A Datasheet HTML 5Page - Microchip Technology MTS62C19A Datasheet HTML 6Page - Microchip Technology MTS62C19A Datasheet HTML 7Page - Microchip Technology MTS62C19A Datasheet HTML 8Page - Microchip Technology MTS62C19A Datasheet HTML 9Page - Microchip Technology MTS62C19A Datasheet HTML 10Page - Microchip Technology MTS62C19A Datasheet HTML 11Page - Microchip Technology MTS62C19A Datasheet HTML 12Page - Microchip Technology MTS62C19A Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2010-2013 Microchip Technology Inc.
DS22260C-page 9
MTS62C19A
3.2
PWM Current Control
The current level in each motor winding is controlled by
a PWM circuit with a fixed TOFF time. The load current
flowing in the winding is sensed through an external
sensing resistor RS, connected between the power
bridge's source pin SENSE (sources of transistors Na
and Nb) and GND.
FIGURE 3-2:
PWM Current Control Circuit Principle (Channel 1 Shown).
The voltage across RS is compared to a fraction of the
reference voltage VREF, chosen with the logic input bits
I0 and I1 (Table 3-3). The power bridge, and thus the
load current, can also be switched off completely when
both logic inputs are high. Note that any logic input left
unconnected will be treated as a high level (pull-up
resistor).
The maximum trip current for regulation, given for
I0 I1 = 00 is calculated in Equation 3-1.
EQUATION 3-1:
VLOAD
SENSE
VREF
I0
I1
COMPIN
CC
RC
Ct
Rt
RS
RC
÷10
One-Shot
Source
Disable
Power
Bridge
Pa
Pb
Na
Nb
OUTA
OUTB
I
MAX
V
REF
10
R
S
------------------
=
TABLE 3-3:
CURRENT LEVEL CONTROL TRUTH TABLE
I0
I1
Comp. Trip Voltage
Output Current
00
VTRIP = 1/10 x VREF
IMAX = VREF/10RS
10
VTRIP = 1/15 x VREF
2/3 x IMAX = VREF/15RS
01
VTRIP = 1/30 x VREF
1/3 x IMAX = VREF/30RS
1
1
x
0 (no current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com