Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS62C19A Datasheet(PDF) 10 Page - Microchip Technology

Part # MTS62C19A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS62C19A Datasheet(HTML) 10 Page - Microchip Technology

Back Button MTS62C19A Datasheet HTML 6Page - Microchip Technology MTS62C19A Datasheet HTML 7Page - Microchip Technology MTS62C19A Datasheet HTML 8Page - Microchip Technology MTS62C19A Datasheet HTML 9Page - Microchip Technology MTS62C19A Datasheet HTML 10Page - Microchip Technology MTS62C19A Datasheet HTML 11Page - Microchip Technology MTS62C19A Datasheet HTML 12Page - Microchip Technology MTS62C19A Datasheet HTML 13Page - Microchip Technology MTS62C19A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MTS62C19A
DS22260C-page 10
 2010-2013 Microchip Technology Inc.
When the maximum allowed current is reached, the
bridge source is turned off during a fixed period TOFF
(typically 50 µs) given by a non-retriggerable pulse
generator and the external timing components Rt
(20k – 100 k
 range) and C
t
(100 pF – 1000 pF
range):
EQUATION 3-2:
During TOFF the winding current decreases. When the
driver is re-enabled, the winding current increases
again until it reaches the threshold, and the cycle
repeats itself, maintaining the load current at the
desired level.
FIGURE 3-3:
PWM Output Current
Waveform.
3.3
Circuit Protection
A thermal protection circuitry turns off all drivers when
the junction temperature exceeds a safe operating limit
of +170°C (typical). This protects the devices from
failure due to excessive heating. Despite this thermal
protection, output short circuits are not permitted. The
output
drivers
are
re-enabled
once
junction
temperature has dropped below +145°C (typical).
FIGURE 3-4:
Thermal Shutdown Output
vs. Temperature Showing Hysteresis.
An
undervoltage
lockout
circuit
protects
the
MTS62C19A from potential shoot-through currents
when the load supply voltage is applied prior to the
logic supply voltage. The power bridge and all outputs
are disabled if VLOGIC is smaller than 4V.
With this protection feature, the circuit will withstand
any order of turn-on or turn-off of the supply voltages
VLOGIC and VLOAD. Normal dV/dt values are assumed.
T
OFF
1.1
R
t
C
t

=
PHASE
IOUT
+
0
-
IOUT
toff
td
ton
1
0
+170°C
+145°C
thshtd_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com