Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS62C19A Datasheet(PDF) 11 Page - Microchip Technology

Part # MTS62C19A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS62C19A Datasheet(HTML) 11 Page - Microchip Technology

Back Button MTS62C19A Datasheet HTML 7Page - Microchip Technology MTS62C19A Datasheet HTML 8Page - Microchip Technology MTS62C19A Datasheet HTML 9Page - Microchip Technology MTS62C19A Datasheet HTML 10Page - Microchip Technology MTS62C19A Datasheet HTML 11Page - Microchip Technology MTS62C19A Datasheet HTML 12Page - Microchip Technology MTS62C19A Datasheet HTML 13Page - Microchip Technology MTS62C19A Datasheet HTML 14Page - Microchip Technology MTS62C19A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2010-2013 Microchip Technology Inc.
DS22260C-page 11
MTS62C19A
4.0
APPLICATION CIRCUITS AND
ISSUES
4.1
Typical Application
The MTS62C19A circuit, with external components for
a typical application, is shown in Figure 4-1. Typical
passive component values are: RS = 1, RC = 1 k,
CC = 820 pF, Rt = 56 k and Ct = 820 pF.
FIGURE 4-1:
Typical Application Circuit.
During PWM operation, when the output stage is
turned-on, large voltage peaks might appear across
RS, which can wrongly trigger the input comparator. To
avoid an unstable current control, an external RCCC fil-
ter should be used that delays the comparator action.
Depending on load type, many applications will not
require this filter (SENSE connected to COMPIN).
5V
VLOGIC
VLOAD
10 to 30V
VREF1
VREF2
100 nF
PHASE1
PHASE2
I01
I11
I02
I12
100 nF
100 µF
Logic
Logic
Current
Sense
Comparator
Current
Sense
Comparator
M
One-shot
One-shot
Under-V
Lockout
Thermal
Shutdown
Shift
Drivers
Shift
Drivers
OUT1A
OUT1B
OUT2A
OUT2B
COMPIN1
COMPIN2
RC2
RC1
GND
SENSE1
SENSE2
RS
RS
Ct
Rt
Rt
RC
RC
Ct
CC
CC
Power
Bridge
Power
Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com