Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16C84 Datasheet(PDF) 75 Page - Microchip Technology

Part # 16C84
Description  8-bit CMOS EEPROM Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C84 Datasheet(HTML) 75 Page - Microchip Technology

Back Button 16C84 Datasheet HTML 71Page - Microchip Technology 16C84 Datasheet HTML 72Page - Microchip Technology 16C84 Datasheet HTML 73Page - Microchip Technology 16C84 Datasheet HTML 74Page - Microchip Technology 16C84 Datasheet HTML 75Page - Microchip Technology 16C84 Datasheet HTML 76Page - Microchip Technology 16C84 Datasheet HTML 77Page - Microchip Technology 16C84 Datasheet HTML 78Page - Microchip Technology 16C84 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
PIC16C84
 1996-2013 Microchip Technology Inc.
DS30445D-page 75
11.3
DC CHARACTERISTICS: PIC16C84-04 (Commercial, Industrial)
PIC16C84-10 (Commercial, Industrial)
PIC16LC84-04 (Commercial, Industrial)
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
C  TA  +70C (commercial)
-40
C  TA  +85C (industrial)
Operating voltage VDD range as described in DC spec Section 11-
1 and Section 11.2.
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
with TTL buffer
VSS
—0.8
V
4.5
VDD 5.5V
D030A
VSS
— 0.16VDD
V
entire range(4)
D031
with Schmitt Trigger buffer
VSS
—0.2VDD
V
entire range
D032
MCLR, RA4/T0CKI, OSC1
(RC mode)
Vss
—
0.2VDD
V
D033
OSC1 (XT, HS and LP modes)(1)
Vss
—
0.3VDD
V
Input High Voltage
VIH
I/O ports
D040
with TTL buffer
0.36VDD
—VDD
V4.5
VDD 5.5V
D040A
0.48VDD
entire range(4)
D041
with Schmitt Trigger buffer
0.45VDD
—VDD
entire range
D042
MCLR, RA4/T0CKI, OSC1
(RC mode)
0.85VDD
—VDD
V
D043
OSC1 (XT, HS and LP modes)(1) 0.7VDD
—VDD
V
D070
IPURB PORTB weak pull-up current
50*
250*
400*
AVDD = 5V, VPIN = VSS
Input Leakage Current(2,3)
D060
IIL
I/O ports
—
—
1
AVss VPIN VDD,
Pin at hi-impedance
D061
MCLR, RA4/T0CKI
—
—
5
AVss VPIN VDD
D063
OSC1/CLKIN
—
—
5
AVss VPIN VDD, XT, HS and LP
osc configuration
Output Low Voltage
D080
VOL
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V
D083
OSC2/CLKOUT
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V
(RC osc configuration)
Output High Voltage
D090
VOH
I/O ports(3)
VDD - 0.7 —
—
V
IOH = -3.0 mA, VDD = 4.5V
D093
OSC2/CLKOUT
VDD - 0.7 —
—
V
IOH = -1.3 mA, VDD = 4.5V
(RC osc configuration)
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16C84 be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: The user may use better of the two specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com